Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72103 Datasheet (PDF) - Integrated Device Technology

IDT72103 Datasheet PDF - Integrated Device Technology
Part No. IDT72103
Download  IDT72103 Click to view

File Size   314.13 Kbytes
Page   31 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9

IDT72103 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72103 Datasheet PDF - Integrated Device Technology

Part No. IDT72103
Download  IDT72103 Click to view

File Size   314.13 Kbytes
Page   31 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9

IDT72103 Datasheet (HTML) - Integrated Device Technology

Back Button IDT72103 Datasheet HTML 1Page - Integrated Device Technology IDT72103 Datasheet HTML 2Page - Integrated Device Technology IDT72103 Datasheet HTML 3Page - Integrated Device Technology IDT72103 Datasheet HTML 4Page - Integrated Device Technology IDT72103 Datasheet HTML 5Page - Integrated Device Technology IDT72103 Datasheet HTML 6Page - Integrated Device Technology IDT72103 Datasheet HTML 7Page - Integrated Device Technology IDT72103 Datasheet HTML 8Page - Integrated Device Technology IDT72103 Datasheet HTML 9Page - Integrated Device Technology IDT72103 Datasheet HTML 10Page - Integrated Device Technology Next Button 

IDT72103 Product details

DESCRIPTION:

The IDT72103/72104 are high-speed Parallel-Serial FlFOs to be used with high-performance systems for functions such as serial communications, laser printer engine control and local area networks.



FEATURES:

• 35ns parallel port access time, 45ns cycle time

• 50MHz serial input/output frequency

• Serial-to-parallel, parallel-to-serial, serial-to-serial, and parallel-to-parallel operations

• Expandable in both depth and width with no external components

• Flexishift™ — Sets programmable serial word width from 4 bits to any width with no external components

• Multiple flags: Full, Almost-Full (Full-1/8),Full-Minus-One, Empty, Almost-Empty (Empty +  1/8), Empty-Plus One, and Half-Full

• Asynchronous and simultaneous read or write operations

• Dual-Port, zero fall-through time architecture

• Retransmit capability in single-device mode

• Packaged in 44-pin PLCC

• Industrial temperature range (–40oC to +85oC)



APPLICATIONS:

• High-speed data acquisition systems

• Local area network (LAN) buffer

• High-speed modem data buffer

• Remote telemetry data buffer

• FAX raster video data buffer

• Laser printer engine data buffer

• High-speed parallel bus-to-bus communications

• Magnetic media controllers

• Serial link buffer



 



Similar Part No. - IDT72103

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT7210 IDT-IDT7210 Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72105L25SO IDT-IDT72105L25SO Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72105L25TP IDT-IDT72105L25TP Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72105L50SO IDT-IDT72105L50SO Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
More results

Similar Description - IDT72103

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
Sharp Corporation
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
Integrated Device Technology
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
Sharp Corporation
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
List of Unclassifed Manufacturers
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
   2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com