Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCH041N65F Datasheet (PDF) - Fairchild Semiconductor

FCH041N65F Datasheet PDF - Fairchild Semiconductor
Part # FCH041N65F
Download  FCH041N65F Download

File Size   1223.32 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel SuperFET짰 II FRFET짰 MOSFET

FCH041N65F Datasheet (PDF)

Go To PDF Page Download Datasheet
FCH041N65F Datasheet PDF - Fairchild Semiconductor

Part # FCH041N65F
Download  FCH041N65F Click to download

File Size   1223.32 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel SuperFET짰 II FRFET짰 MOSFET

FCH041N65F Datasheet (HTML) - Fairchild Semiconductor

FCH041N65F Datasheet HTML 1Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 2Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 3Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 4Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 5Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 6Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 7Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 8Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 9Page - Fairchild Semiconductor

FCH041N65F Product details

Description
SuperFET® II MOSFET is Fairchild Semiconductor’s brand-new high voltage super-junction (SJ) MOSFET family that is utilizing charge balance technology for outstanding low on-resistance and lower gate charge performance. This technology is tailored to minimize conduction loss, provide superior switching performance, dv/dt rate and higher avalanche energy. Consequently, SuperFET II MOSFET is very suitable for the switching power applications such as PFC, server/telecom power, FPD TV power, ATX power and industrial power applications. SuperFET II FRFET® MOSFET’s optimized body diode reverse recovery performance can remove additional component and improve system reliability.

Features
• 700 V @ TJ = 150°C
• Typ. RDS(on) = 36 mΩ
• Ultra Low Gate Charge (Typ. Qg = 226 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.) = 1278 pF)
• 100% Avalanche Tested
• RoHS Compliant

Applications
• LCD / LED / PDP TV
• Telecom / Server Power Supplies
• Solar Inverter
• AC - DC Power Supply




Similar Part No. - FCH041N65F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCH041N65F ISC-FCH041N65F Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FCH041N65F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP110N65F FAIRCHILD-FCP110N65F Datasheet
709Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH110N65F FAIRCHILD-FCH110N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH072N60F FAIRCHILD-FCH072N60F Datasheet
587Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH077N65F FAIRCHILD-FCH077N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH104N60F FAIRCHILD-FCH104N60F Datasheet
579Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH190N65F FAIRCHILD-FCH190N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCA47N60F FAIRCHILD-FCA47N60F_15 Datasheet
1Mb / 8P
   N-Channel SuperFET짰 FRFET짰 MOSFET
FCPF600N60Z FAIRCHILD-FCPF600N60Z Datasheet
337Kb / 10P
   N-Channel SuperFET짰 II MOSFET
FCP170N60 FAIRCHILD-FCP170N60_15 Datasheet
817Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP190N60_GF102 FAIRCHILD-FCP190N60_GF102 Datasheet
663Kb / 9P
   N-Channel SuperFET짰 II MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com