Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCH041N60E Datasheet (PDF) - Fairchild Semiconductor

FCH041N60E Datasheet PDF - Fairchild Semiconductor
Part # FCH041N60E
Download  FCH041N60E Download

File Size   565.12 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel SuperFET짰 II Easy-Drive MOSFET

FCH041N60E Datasheet (PDF)

Go To PDF Page Download Datasheet
FCH041N60E Datasheet PDF - Fairchild Semiconductor

Part # FCH041N60E
Download  FCH041N60E Click to download

File Size   565.12 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel SuperFET짰 II Easy-Drive MOSFET

FCH041N60E Datasheet (HTML) - Fairchild Semiconductor

FCH041N60E Datasheet HTML 1Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 2Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 3Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 4Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 5Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 6Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 7Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 8Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 9Page - Fairchild Semiconductor

FCH041N60E Product details

Description
SuperFET® II MOSFET is Fairchild Semiconductor’s brand-new high voltage super-junction (SJ) MOSFET family that is utilizing charge balance technology for outstanding low on-resistance and lower gate charge performance. This technology is tailored to minimize conduction loss, provide superior switching perfor mance, dv/dt rate and higher avalanche energy. Consequently, SuperFET II MOSFET easy-drive series offers slightly slower rise and fall times compared to the SuperFET II MOSFET series. Noted by the "E" part number suffix, this family helps manage EMI issues and allows for easier design implementa tion. For faster switching in applications where switching losses must be at an absolute minimum, please consider the Super FET II MOSFET series.

Features
• 650 V @ TJ = 150°C
• Typ. RDS(on) = 36 mΩ
• Ultra Low Gate Charge (Typ. Qg = 285 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.) = 735 pF)
• 100% Avalanche Tested
• An Integrated Gate Resistor
• RoHS Compliant

Applications
• LCD / LED / PDP TV Lighting
• Solar Inverter
• AC-DC Power Supply




Similar Part No. - FCH041N60E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCH041N60E ISC-FCH041N60E Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FCH041N60E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCPF600N60Z FAIRCHILD-FCPF600N60Z Datasheet
337Kb / 10P
   N-Channel SuperFET짰 II MOSFET
FCP170N60 FAIRCHILD-FCP170N60_15 Datasheet
817Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP190N60_GF102 FAIRCHILD-FCP190N60_GF102 Datasheet
663Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH104N60 FAIRCHILD-FCH104N60 Datasheet
771Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH130N60 FAIRCHILD-FCH130N60 Datasheet
620Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH170N60 FAIRCHILD-FCH170N60 Datasheet
624Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP104N60 FAIRCHILD-FCP104N60_15 Datasheet
803Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP110N65F FAIRCHILD-FCP110N65F Datasheet
709Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH077N65F FAIRCHILD-FCH077N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH104N60F FAIRCHILD-FCH104N60F Datasheet
579Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com