Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK1573-02 Datasheet (PDF) - Integrated Circuit Systems

MK1573-02 Datasheet PDF - Integrated Circuit Systems
Part # MK1573-02
Download  MK1573-02 Download

File Size   84.22 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description GenClock??HSYNC to Video Clock

MK1573-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1573-02 Datasheet PDF - Integrated Circuit Systems

Part # MK1573-02
Download  MK1573-02 Click to download

File Size   84.22 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description GenClock??HSYNC to Video Clock

MK1573-02 Datasheet (HTML) - Integrated Circuit Systems

MK1573-02 Datasheet HTML 1Page - Integrated Circuit Systems MK1573-02 Datasheet HTML 2Page - Integrated Circuit Systems MK1573-02 Datasheet HTML 3Page - Integrated Circuit Systems MK1573-02 Datasheet HTML 4Page - Integrated Circuit Systems MK1573-02 Datasheet HTML 5Page - Integrated Circuit Systems MK1573-02 Datasheet HTML 6Page - Integrated Circuit Systems

MK1573-02 Product details

Description
The MK1573 GenClock™ provides genlock timing for video overlay systems. The device accepts the horizontal sync (HSYNC) signal as the input reference clock, and generates a frequency locked high speed output. Stored in the device are the multipliers for 16 combinations of popular frequencies for analog and digital TV and set-top box systems.

Features
• Packaged in 16 pin narrow (150 mil) SOIC
• The -02 version has one frequency changed (32MHz was added), and tracks the HSYNC better than the -01 version.
• Exact ratios stored in the device eliminate the need for external dividers
• Accepts HSYNC of 15.625kHz or 15.73426kHz
• Highly accurate frequency generation within 1 ppm
• Generates NTSC/PAL subcarrier frequencies, and 4X and 8X of those frequencies
• Generates 27MHz and 13.5MHz
• 2X HSYNC clock available
• Recovered HSYNC clock available
• Inverted HSYNC clock available
• 4.5V to 5.5V operation



Similar Part No. - MK1573-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1574 ICST-MK1574 Datasheet
83Kb / 6P
   Frame Rate Communications PLL
logo
Renesas Technology Corp
MK1574 RENESAS-MK1574 Datasheet
385Kb / 11P
   3.3 VOLT FRAME RATE COMMUNICATIONS PLL
111605
MK1574-01ASILF RENESAS-MK1574-01ASILF Datasheet
432Kb / 12P
   FRAME RATE COMMUNICATIONS PLL
051310
MK1574-01ASILFTR RENESAS-MK1574-01ASILFTR Datasheet
432Kb / 12P
   FRAME RATE COMMUNICATIONS PLL
051310
MK1574-01ASLF RENESAS-MK1574-01ASLF Datasheet
432Kb / 12P
   FRAME RATE COMMUNICATIONS PLL
051310
More results


Similar Description - MK1573-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT261 ETC-BT261 Datasheet
392Kb / 56P
   30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
logo
Integrated Circuit Syst...
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
   Video Clock Synthesizer
ICS1526 ICST-ICS1526 Datasheet
611Kb / 11P
   Video Clock Synthesizer
ICS421-05 ICST-ICS421-05 Datasheet
144Kb / 5P
   DIGITAL VIDEO CAMERA CLOCK
ICS664-03 ICST-ICS664-03 Datasheet
148Kb / 6P
   Digital Video Clock Source
logo
Renesas Technology Corp
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-05 RENESAS-ICS664-05 Datasheet
261Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
100907
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
logo
List of Unclassifed Man...
ICS664G-03LF ETC2-ICS664G-03LF Datasheet
196Kb / 7P
   DIGITAL VIDEO CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS660 ICST-ICS660 Datasheet
127Kb / 6P
   Digital Video Clock Source
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com