Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9169C-36 Datasheet (PDF) - Integrated Circuit Systems

ICS9169C-36 Datasheet PDF - Integrated Circuit Systems
Part # ICS9169C-36
Download  ICS9169C-36 Download

File Size   132.17 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost 20-Pin Frequency Generator

ICS9169C-36 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9169C-36 Datasheet PDF - Integrated Circuit Systems

Part # ICS9169C-36
Download  ICS9169C-36 Click to download

File Size   132.17 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost 20-Pin Frequency Generator

ICS9169C-36 Datasheet (HTML) - Integrated Circuit Systems

ICS9169C-36 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169C-36 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169C-36 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169C-36 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169C-36 Datasheet HTML 5Page - Integrated Circuit Systems

ICS9169C-36 Product details

Description
TheICS9169C-36generates the I/O clocks needed as a satellite clock generator to a CPU and PCI clock source (such as the ICS9148-01 or ICS9150-01). This device can generate the audio Codec or DSP clocks if required (or Stop those outputs Low).

Features
• Generator for periphary clock chips as companion device to CPU/SDRAM/PCI generator.
• Accepts clock input at X1 pin or crystal across X1, X2 pins as 14.31818 MHz nominal inputs.
• Three REF clock buffer outputs (SREF is Strong)
• Two 48MHz and one 24 MHz outputs
• Selectable audio clock generator with audio (Audio) and half speed (Audio/2) outputs
• 20 pin (209 mil) SSOP package




Similar Part No. - ICS9169C-36

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
   Frequency Generator for Pentium Based Systems
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
   Frequency Generator for Pentium??Based Systems
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
   Frequency Generator for Pentium Based Systems
ICS9169C-271 ICST-ICS9169C-271 Datasheet
322Kb / 8P
   Frequency Generator for Pentium??Based Systems
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
   Frequency Generator for Pentium??Based Systems
More results


Similar Description - ICS9169C-36

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9155C ICST-AV9155C Datasheet
358Kb / 14P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Device Techn...
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Circuit Syst...
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
   Low Cost 20-Pin Frequency Generator
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Device Techn...
AV9155 IDT-AV9155 Datasheet
393Kb / 11P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Circuit Syst...
AV9154A ICST-AV9154A Datasheet
901Kb / 10P
   Low-Cost 16-Pin Frequency Generator
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
   Low-Cost 8-Pin Frequency Generator
logo
Integrated Device Techn...
9154A IDT-9154A Datasheet
161Kb / 11P
   Low-Cost 16-Pin Frequency Generator
logo
Integrated Circuit Syst...
9154A ICST-9154A Datasheet
195Kb / 11P
   Low-Cost 16-Pin Frequency Generator
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
   Low Cost 16-Pin Frequency Generator
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com