Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM0936TQ Datasheet (PDF) - Hynix Semiconductor

GM0936TQ Datasheet PDF - Hynix Semiconductor
Part # GM0936TQ
Download  GM0936TQ Download
File Size   125.73 Kbytes
Page   21 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description Voice-Band Audio CODEC for CDMA

GM0936TQ Datasheet (PDF)

Go To PDF Page Download Datasheet
GM0936TQ Datasheet PDF - Hynix Semiconductor

Part # GM0936TQ
Download  GM0936TQ Click to download

File Size   125.73 Kbytes
Page   21 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description Voice-Band Audio CODEC for CDMA

GM0936TQ Datasheet (HTML) - Hynix Semiconductor


GM0936TQ Product details

Description
The GM0936TQ contains A/D and D/A conversion functions integrated on a single chip, and utilizes the sigma-delta modulation technique to achieve high resolution data conversion and low power consumption. The GM0936TQ is an ideal analog front end device for high performance voice-band communication systems. Cellular telephone systems are targeted in particular; however, these integrated circuits can function in other systems including digital audio, telecommunications, and data acquisition.

Features
• Single 3-V operation
• Low power consumption
    – Operating mode .... 20mW Typ
    – Power-down mode ... 1mW Typ
• Combined A/D, D/A, and Filters
• Electret microphone bias reference voltage available
• Compatible with all digital signal processors (DSPs)
• Programmable volume control
• 300 Hz - 3.6 kHz Passband with Specified Master clock
• Designed for standard 2.048MHz master clock for U.S. Analog, U.S. Digital, CT2, DECT, GSM, and PCS Standards for Hand-held Battery-Powered Telephones
• On-chip voltage references
• Package Type : 48 LQFP, 20 DIP, 20 SOP




Similar Part No. - GM0936TQ

ManufacturerPart #DatasheetDescription
logo
RFHIC
GM09010035D RFHIC-GM09010035D Datasheet
586Kb / 5P
GaN MMIC
More results


Similar Description - GM0936TQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
VOICE-BAND AUDIO PROCESSORS VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
VOICE-BAND AUDIO PROCESSOR
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
VOICE-BAND AUDIO PROCESSOR
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
16-Bit Mono Audio Voice Codec
Rev 0; 10/08
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
16-Bit Mono Audio Voice Codec
Rev 1; 9/09
logo
Texas Instruments
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
VOICE-BAND AUDIO PROCESSORS (VBAPE)
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
16-Bit Mono Audio Voice Codec
Rev 2; 2/12
logo
IXYS Corporation
CPC5750 IXYS-CPC5750 Datasheet
467Kb / 37P
Single-Channel Voice Band CODEC
logo
Realtek Semiconductor C...
ALC5620 REALTEK-ALC5620 Datasheet
1Mb / 84P
I2S AUDIO CODEC VOICE PCM INTERFACE
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com