Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPDL-1414 Datasheet (PDF) - Agilent(Hewlett-Packard)

HPDL-1414 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HPDL-1414
Download  HPDL-1414 Download

File Size   327.72 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Four Character Smart Alphanumeric Displays

HPDL-1414 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPDL-1414 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HPDL-1414
Download  HPDL-1414 Click to download

File Size   327.72 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Four Character Smart Alphanumeric Displays

HPDL-1414 Datasheet (HTML) - Agilent(Hewlett-Packard)


HPDL-1414 Product details

Description
The HPDL-1414 and 2416 are smart, four character, sixteensegment, red GaAsP displays. The HPDL-1414 has a character height of 2.85 mm (0.112"). The HPDL-2416 has a character height of 4.10 mm (0.160"). The on-board CMOS IC contains memory, ASCII decoder, multiplexing circuitry and drivers. The monolithic LED characters are magnified by an immersion lens which increases both character size and luminous intensity. The encapsulated dual-in-line package provides a rugged, environmentally sealed unit.

Features
• Smart Alphanumeric Display
    Built-in RAM, ASCII Decoder and LED Drive Circuitry
• Wide Operating Temperature Range -40°C to +85°C
• Fast Access Time 160 ns
• Excellent ESD Protection
    Built-in Input Protection Diodes
• CMOS IC for Low Power Consumption
• Full TTL Compatibility Over Operating Temperature Range
    VIL = 0.8 V
    VIH = 2.0 V
• Wave Solderable
• Rugged Package Construction
• End-Stackable
• Wide Viewing Angle

Typical Applications
• Portable Data Entry Devices
• Medical Equipment
• Process Control Equipment
• Test Equipment
• Industrial Instrumentation
• Computer Peripherals
• Telecommunication Instrumentation




Similar Part No. - HPDL-1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HPDL-1414 AVAGO-HPDL-1414 Datasheet
388Kb / 8P
   Built-in input protection diodes
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
More results


Similar Description - HPDL-1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
   Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
   Four Character Smart Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com