Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5001 Datasheet (PDF) - Agilent(Hewlett-Packard)

HFBR-5001 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HFBR-5001
Download  HFBR-5001 Download
File Size   287.09 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Cost, Industry Standard FDDI MIC Transceivers

HFBR-5001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFBR-5001 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HFBR-5001
Download  HFBR-5001 Click to download

File Size   287.09 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Cost, Industry Standard FDDI MIC Transceivers

HFBR-5001 Datasheet (HTML) - Agilent(Hewlett-Packard)


HFBR-5001 Product details

Description
The HFBR-511X family of transceivers from Hewlett-Packard consists of high performance, cost effective modules for optical data communication applications at the 100 Mbps/125 MBd rate.

Features
• Full Compliance with the FDDI PMD Standard
• Full Compliance with the Optical Performance Requirements of the ATM 100 Mbps Physical Layer
• Full Compliance with the Optical Performance Requirements of the Fast Ethernet Physical Layer
• Multisourced Package Style with: - 2x11 or 1x13 Pin Configuration - MIC Receptacle - Field Changeable Keying
• Wave Solder and Aqueous Wash Process Compatible Package
• Internal Shielding for Low EMI Emissions and High EMI Immunity
• Single +5V Power Supply
• Shifted ECL Logic Interface Directly Compatible with FDDI PHY Circuits
• Manufactured in an ISO 9001 Certified Facility

Applications
• FDDI Concentrators, Bridges, Routers, and Network Interface Cards
• 100 Mbps ATM Interfaces
• Fast Ethernet Interfaces
• Point-to-Point Data Communications
• Replaces DLX2012-FD and DLX2020-FD Model Transceivers




Similar Part No. - HFBR-5001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5103T HP-HFBR-5103T Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104 HP-HFBR-5104 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104T HP-HFBR-5104T Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5105 HP-HFBR-5105 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results


Similar Description - HFBR-5001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
AFBR-5803Z HP-AFBR-5803Z Datasheet
287Kb / 16P
FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
EUROQUARTZ limited
HC49-4H EUROQUARTZ-HC49-4H Datasheet
204Kb / 1P
Low-cost, industry-standard crystal unit
49SMD EUROQUARTZ-49SMD Datasheet
118Kb / 1P
Low-cost, industry-standard crystal unit formed for SMD
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803AQZ AVAGO-AFBR-5803AQZ Datasheet
489Kb / 16P
FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Maxim Integrated Produc...
MAX13052ASA MAXIM-MAX13052ASA Datasheet
298Kb / 20P
Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5103Z AVAGO-AFBR-5103Z Datasheet
136Kb / 20P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5803AQZ BOARDCOM-AFBR-5803AQZ Datasheet
783Kb / 19P
FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
AFBR-5103Z BOARDCOM-AFBR-5103Z Datasheet
136Kb / 20P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com