Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DRR1-2322 Datasheet (PDF) - Agilent(Hewlett-Packard)

DRR1-2322 Datasheet PDF - Agilent(Hewlett-Packard)
Part No. DRR1-2322
Download  DRR1-2322 Click to view

File Size   61.75 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Digital Radio Receiver Down Converter Modules for 21.2 to 23.6 GHz

DRR1-2322 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRR1-2322 Datasheet PDF - Agilent(Hewlett-Packard)

Part No. DRR1-2322
Download  DRR1-2322 Click to view

File Size   61.75 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Digital Radio Receiver Down Converter Modules for 21.2 to 23.6 GHz

DRR1-2322 Datasheet (HTML) - Agilent(Hewlett-Packard)

DRR1-2322 Datasheet HTML 1Page - Agilent(Hewlett-Packard) DRR1-2322 Datasheet HTML 2Page - Agilent(Hewlett-Packard) DRR1-2322 Datasheet HTML 3Page - Agilent(Hewlett-Packard) DRR1-2322 Datasheet HTML 4Page - Agilent(Hewlett-Packard)

DRR1-2322 Product details

Description
This digital radio receiver module provides the RF receive and down conversion function for 23 GHz digital radios. These modules offer excellent phase noise performance and can be easily phase locked to a frequency reference. The receiver module provides an output power of 3␣ dBm at the IF frequency and is ideal for use in radios using 2 and 4 level FSK modulation.

Features
• Low Noise PHEMT MMIC Front End Amplifier
• Image Reject Mixer
• Integrated Silicon Bipolar VCO Local Oscillator
• Low Phase Noise
• Operated Over -30°C to +70°C
• Excellent Tuning Linearity
• Sample Output for Phase Locking

Applications
    This digital radio receiver module provides the total RF receive and down conversion function in radios operating in the 21.2 to 23.6␣ GHz band.



Similar Part No. - DRR1-2322

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
DRR1-3813 HP-DRR1-3813 Datasheet
60Kb / 4P
   Digital Radio Receiver Down Converter Modules for 37 to 40GHz
DRR1-3823 HP-DRR1-3823 Datasheet
60Kb / 4P
   Digital Radio Receiver Down Converter Modules for 37 to 40GHz
DRR1-38XX HP-DRR1-38XX Datasheet
60Kb / 4P
   Digital Radio Receiver Down Converter Modules for 37 to 40GHz
More results

Similar Description - DRR1-2322

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
DRT1-23XX HP-DRT1-23XX Datasheet
59Kb / 4P
   Digital Radio Transmitter Modules for 21.2 to 23.6 GHz
DRR1-38XX HP-DRR1-38XX Datasheet
60Kb / 4P
   Digital Radio Receiver Down Converter Modules for 37 to 40GHz
Excelics Semiconductor, Inc.
Excelics Semiconductor,...
RFMA2124-1W EXCELICS-RFMA2124-1W Datasheet
96Kb / 3P
   21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-0.5W EXCELICS-RFMA2124-0.5W Datasheet
93Kb / 2P
   21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-2W-P3 EXCELICS-RFMA2124-2W-P3 Datasheet
91Kb / 2P
   21.2 - 23.6 GHz Power Amplifier MMIC
Qorvo, Inc
Qorvo, Inc
TGA4549-SM QORVO-TGA4549-SM Datasheet
1Mb / 17P
   21.2 ??23.6 GHz 10 W GaN Power Amplifier
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
DRT1-3823 HP-DRT1-3823 Datasheet
59Kb / 4P
   Digital Radio Transmitter Modules for 37 to 40 GHz
rfsolutions.ltd
rfsolutions.ltd
001B-433AR2 RFSOLUTIONS-001B-433AR2 Datasheet
69Kb / 6P
   RADIO RECEIVER DECODER MODULES.
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
   Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
More results

Datasheet Page

1  2  3  4 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz