Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-15530 Datasheet (PDF) - Holt Integrated Circuits

HI-15530 Datasheet PDF - Holt Integrated Circuits
Part # HI-15530
Download  HI-15530 Download
File Size   312.69 Kbytes
Page   11 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description Manchester Encoder / Decoder

HI-15530 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-15530 Datasheet PDF - Holt Integrated Circuits

Part # HI-15530
Download  HI-15530 Click to download

File Size   312.69 Kbytes
Page   11 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description Manchester Encoder / Decoder

HI-15530 Datasheet (HTML) - Holt Integrated Circuits


HI-15530 Product details

GENERAL DESCRIPTION
The HI-15530 is a high performance CMOS integrated circuit designed to meet the requirements of MIL-STD-1553 and similar Manchester II encoded, time division multiplexed serial data protocols. The HI-15530 contains both an Encoder and Decoder, which operate independently.
The HI-15530 is fully compatible with either 5V or 3.3V logic and transceivers.

FEATURES
• MIL-STD-1553 compatible
• 5V or 3.3V operation
• Interfaces to HI-1567 Transceiver Family
• Small footprint 24-pin plastic SSOP package option
• Direct replacement for:
   Harris/Intersil HD15530
   GEC Plessey Semiconductors MAS15530
   Aeroflex ACT15530
• 1.25 Mbit/s Maximum Data Rate
• Manchester II Encode and Decode
• Sync identification and Lock-in
• High Temperature -55°C to +200°C option

APPLICATIONS
• MIL-STD-1553 Interfaces
• Smart Munitions
• Stores Management
• Sensor Interfaces
• Instrumentation




Similar Part No. - HI-15530

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
266Kb / 12P
5V / 3.3V Manchester Encoder / Decoder
HI-15530PSI HOLTIC-HI-15530PSI Datasheet
266Kb / 12P
5V / 3.3V Manchester Encoder / Decoder
HI-15530PSIF HOLTIC-HI-15530PSIF Datasheet
266Kb / 12P
5V / 3.3V Manchester Encoder / Decoder
HI-15530PSM HOLTIC-HI-15530PSM Datasheet
266Kb / 12P
5V / 3.3V Manchester Encoder / Decoder
HI-15530PSMF HOLTIC-HI-15530PSMF Datasheet
266Kb / 12P
5V / 3.3V Manchester Encoder / Decoder
More results


Similar Description - HI-15530

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
CMOS Manchester Encoder-Decoder
March 1997
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
CMOS Manchester Encoder-Decoder
March 1997
logo
Data Delay Devices, Inc...
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
CMOS Manchester Encoder-Decoder
logo
Data Delay Devices, Inc...
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
CMOS Manchester Encoder-Decoder
More results




About Holt Integrated Circuits


Holt Integrated Circuits is a semiconductor company that designs and manufactures integrated circuits (ICs) for the avionics and military markets. The company specializes in data bus communication ICs and offers a wide range of products for the ARINC 429, MIL-STD-1553, ARINC 825 (CAN), ARINC 717, and other data bus protocols.

Holt's products are used in a variety of avionics and military applications, including flight management systems, engine control systems, and communication equipment. They are known for their rugged and reliable products that are designed to operate in harsh environments.

The company was founded in 1983 and is headquartered in Mission Viejo, California, USA. Holt has a strong commitment to research and development, and is dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, Holt also provides customized solutions to meet specific customer requirements.

Overall, Holt Integrated Circuits is a trusted and reputable supplier of data bus communication ICs for the avionics and military markets, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com