Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF08103B Datasheet (PDF) - Hitachi Semiconductor

PF08103B Datasheet PDF - Hitachi Semiconductor
Part # PF08103B
Download  PF08103B Download

File Size   34.5 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone

PF08103B Datasheet (PDF)

Go To PDF Page Download Datasheet
PF08103B Datasheet PDF - Hitachi Semiconductor

Part # PF08103B
Download  PF08103B Click to download

File Size   34.5 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone

PF08103B Datasheet (HTML) - Hitachi Semiconductor

PF08103B Datasheet HTML 1Page - Hitachi Semiconductor PF08103B Datasheet HTML 2Page - Hitachi Semiconductor PF08103B Datasheet HTML 3Page - Hitachi Semiconductor PF08103B Datasheet HTML 4Page - Hitachi Semiconductor PF08103B Datasheet HTML 5Page - Hitachi Semiconductor PF08103B Datasheet HTML 6Page - Hitachi Semiconductor PF08103B Datasheet HTML 7Page - Hitachi Semiconductor

PF08103B Product details

MOS FET Power Amplifier Module

for E-GSM900 and DCS1800 Dual Band Handy Phone



Features

•  1 in / 2 out dual band amplifier

•  Simple external circuit including output matching circuit

•  Simple band switching and power control

•  High gain 3stage amplifier : +1 dBm input for GSM, +4.5 dBm input for DCS

•  Lead less thin & Small package : 11 ×13.75 ×1.8 mm

•  High efficiency : 45% Typ at 35.0 dBm for E-GSM

                              35% Typ at 32.5 dBm for DCS1800



Application

•  Dual band amplifier for E-GSM900 (880 to 915 MHz) and DCS1800 (1710 to 1785 MHz).

•  For 3.5 V nominal battery use




Similar Part No. - PF08103B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
More results


Similar Description - PF08103B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
Renesas Technology Corp
PF08109B RENESAS-PF08109B Datasheet
249Kb / 25P
   MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
PF08127 RENESAS-PF08127 Datasheet
140Kb / 18P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
Oct. 2002
E2081606_PF08127B RENESAS-E2081606_PF08127B Datasheet
183Kb / 16P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
PF08134B RENESAS-PF08134B Datasheet
123Kb / 14P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
logo
Hitachi Semiconductor
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
logo
Skyworks Solutions Inc.
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
   Power Amplifier Module for Dual-band GSM900 DCS1800
logo
Hitachi Semiconductor
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01412A HITACHI-PF01412A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com