Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0121 Datasheet (PDF) - Hitachi Semiconductor

PF0121 Datasheet PDF - Hitachi Semiconductor
Part # PF0121
Download  PF0121 Download

File Size   51.96 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MOS FET Power Amplifier Module for GSM Mobile Phone

PF0121 Datasheet (PDF)

Go To PDF Page Download Datasheet
PF0121 Datasheet PDF - Hitachi Semiconductor

Part # PF0121
Download  PF0121 Click to download

File Size   51.96 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MOS FET Power Amplifier Module for GSM Mobile Phone

PF0121 Datasheet (HTML) - Hitachi Semiconductor

Back Button PF0121 Datasheet HTML 1Page - Hitachi Semiconductor PF0121 Datasheet HTML 2Page - Hitachi Semiconductor PF0121 Datasheet HTML 3Page - Hitachi Semiconductor PF0121 Datasheet HTML 4Page - Hitachi Semiconductor PF0121 Datasheet HTML 5Page - Hitachi Semiconductor PF0121 Datasheet HTML 6Page - Hitachi Semiconductor PF0121 Datasheet HTML 7Page - Hitachi Semiconductor PF0121 Datasheet HTML 8Page - Hitachi Semiconductor PF0121 Datasheet HTML 9Page - Hitachi Semiconductor PF0121 Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

PF0121 Product details

Features
• Low power control current: 0.9 mA Typ
• High speed switching: 1.5 µsec Typ
• Wide power control range: 100 dB Typ

Application
    For GSM CLASS2 890 to 915 MHz



Similar Part No. - PF0121

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PF0100 NXP-PF0100 Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PF0100Z NXP-PF0100Z Datasheet
1Mb / 128P
   14 channel configurable power management integrated circuit
Rev. 13.0, 5/2023
logo
C&K Components
PF011UEBM03K22 CK-COMPONENTS-PF011UEBM03K22 Datasheet
202Kb / 4P
   5 Tumbler Miniature Snap-in Switchlocks
logo
ITT Industries
PF011UEBM03KB22 ITT-PF011UEBM03KB22 Datasheet
282Kb / 4P
   5 Tumbler Miniature Snap-in Switchlocks
PF011UEBM03KQ22 ITT-PF011UEBM03KQ22 Datasheet
282Kb / 4P
   5 Tumbler Miniature Snap-in Switchlocks
More results


Similar Description - PF0121

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0031 HITACHI-PF0031 Datasheet
55Kb / 13P
   MOS FET Power Amplifier Module for Mobile Phone
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
PF0210 HITACHI-PF0210 Datasheet
47Kb / 12P
   MOS FET Power Amplifier Module for ADC Mobile Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01412A HITACHI-PF01412A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
logo
Renesas Technology Corp
PF08109B RENESAS-PF08109B Datasheet
249Kb / 25P
   MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
logo
Hitachi Semiconductor
PF00105A HITACHI-PF00105A Datasheet
62Kb / 11P
   MOS FET Power Amplifier Module for AMPS Handy Phone
logo
Fujitsu Component Limit...
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
logo
Renesas Technology Corp
E2081606_PF08127B RENESAS-E2081606_PF08127B Datasheet
183Kb / 16P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com