Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCH104N60 Datasheet (PDF) - Fairchild Semiconductor

FCH104N60 Datasheet PDF - Fairchild Semiconductor
Part # FCH104N60
Download  FCH104N60 Download

File Size   766.92 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel SuperFET II MOSFET

FCH104N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
FCH104N60 Datasheet PDF - Fairchild Semiconductor

Part # FCH104N60
Download  FCH104N60 Click to download

File Size   766.92 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel SuperFET II MOSFET

FCH104N60 Datasheet (HTML) - Fairchild Semiconductor


FCH104N60 Product details

Description
SuperFET® II MOSFET is Fairchild Semiconductor’s brand-new high voltage super-junction (SJ) MOSFET family that is utilizing charge balance technology for outstanding low on-resistance and lower gate charge performance. This advanced technology is tailored to minimize conduction loss, provide superior switching performance, and withstand extreme dv/dt rate and higher avalanche energy. Consequently, SuperFET II MOSFET is suitable for various AC/DC power conversion for system miniaturization and higher efficiency.

Features
• 650 V @ TJ = 150°C
• Typ. RDS(on) = 96 mΩ
• Ultra Low Gate Charge (Typ. Qg = 63 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.) = 280 pF)
• 100% Avalanche Tested
• RoHS Compliant

Applications
• Telecom / Sever Power Supplies
• Industrial Power Supplies




Similar Part No. - FCH104N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCH104N60 FAIRCHILD-FCH104N60 Datasheet
771Kb / 9P
   N-Channel SuperFET짰 II MOSFET
logo
Inchange Semiconductor ...
FCH104N60 ISC-FCH104N60 Datasheet
405Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FCH104N60F FAIRCHILD-FCH104N60F Datasheet
579Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
logo
Inchange Semiconductor ...
FCH104N60F ISC-FCH104N60F Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FCH104N60F-F085 ONSEMI-FCH104N60F-F085 Datasheet
407Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 600 V, 37 A, 104 m
December, 2020 - Rev. 3
More results


Similar Description - FCH104N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP190N60 FAIRCHILD-FCP190N60_13 Datasheet
342Kb / 10P
   N-Channel SuperFET II MOSFET
FCP130N60 FAIRCHILD-FCP130N60 Datasheet
1Mb / 10P
   N-Channel SuperFET II MOSFET
FCH170N60 FAIRCHILD-FCH170N60 Datasheet
624Kb / 9P
   N-Channel SuperFET II MOSFET
FCP104N60 FAIRCHILD-FCP104N60 Datasheet
788Kb / 10P
   N-Channel SuperFET II MOSFET
FCD1300N80Z FAIRCHILD-FCD1300N80Z Datasheet
887Kb / 10P
   N-Channel SuperFET II MOSFET
FCH043N60 FAIRCHILD-FCH043N60 Datasheet
431Kb / 10P
   N-Channel SuperFET II MOSFET
FCH130N60 FAIRCHILD-FCH130N60 Datasheet
620Kb / 9P
   N-Channel SuperFET II MOSFET
FCP380N60 FAIRCHILD-FCP380N60_13 Datasheet
333Kb / 10P
   N-Channel SuperFET II MOSFET
FCP170N60 FAIRCHILD-FCP170N60 Datasheet
800Kb / 10P
   N-Channel SuperFET II MOSFET
FCP150N65F FAIRCHILD-FCP150N65F Datasheet
1Mb / 12P
   N-Channel SuperFET II FRFET MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com