Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEZ5964-15DD Datasheet (PDF) - NEC

NEZ5964-15DD Datasheet PDF - NEC
Part # NEZ5964-15DD
Download  NEZ5964-15DD Download

File Size   69.09 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET

NEZ5964-15DD Datasheet (PDF)

Go To PDF Page Download Datasheet
NEZ5964-15DD Datasheet PDF - NEC

Part # NEZ5964-15DD
Download  NEZ5964-15DD Click to download

File Size   69.09 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET

NEZ5964-15DD Datasheet (HTML) - NEC

Back Button NEZ5964-15DD Datasheet HTML 1Page - NEC NEZ5964-15DD Datasheet HTML 2Page - NEC NEZ5964-15DD Datasheet HTML 3Page - NEC NEZ5964-15DD Datasheet HTML 4Page - NEC NEZ5964-15DD Datasheet HTML 5Page - NEC NEZ5964-15DD Datasheet HTML 6Page - NEC NEZ5964-15DD Datasheet HTML 7Page - NEC NEZ5964-15DD Datasheet HTML 8Page - NEC NEZ5964-15DD Datasheet HTML 9Page - NEC NEZ5964-15DD Datasheet HTML 10Page - NEC Next Button 

NEZ5964-15DD Product details

15 W C-BAND POWER GaAs FET NEZ SERIES

DESCRIPTION
The NEZ Series of microwave power GaAs FETs offer high output power, high gain and high efficiency at C-band for microwave and satellite communications.
Internal input and output circuits matched to 50 Ω are designed to provide good flatness of gain and output power in allocated band.
To reduce the thermal resistance, the device has a PHS (Plated Heat Sink) structure.
NEC’s strigent quality assurance and test procedures guarantee the highest reliability and performance.

FEATURES
• Internally matched to 50 Ω
• High power output
• High linear gain
• High reliability
• Low distortion




Similar Part No. - NEZ5964-15DD

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ5964-15B NEC-NEZ5964-15B Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
NEZ5964-15BD NEC-NEZ5964-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
More results


Similar Description - NEZ5964-15DD

ManufacturerPart #DatasheetDescription
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com