Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL10276AC28-02L Datasheet (PDF) - NEC

NL10276AC28-02L Datasheet PDF - NEC
Part # NL10276AC28-02L
Download  NL10276AC28-02L Download

File Size   227.08 Kbytes
Page   40 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Ultra-wide viewing angle, Multi-scan function, CRT interface board

NL10276AC28-02L Datasheet (PDF)

Go To PDF Page Download Datasheet
NL10276AC28-02L Datasheet PDF - NEC

Part # NL10276AC28-02L
Download  NL10276AC28-02L Click to download

File Size   227.08 Kbytes
Page   40 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Ultra-wide viewing angle, Multi-scan function, CRT interface board

NL10276AC28-02L Datasheet (HTML) - NEC

Back Button NL10276AC28-02L Datasheet HTML 1Page - NEC NL10276AC28-02L Datasheet HTML 2Page - NEC NL10276AC28-02L Datasheet HTML 3Page - NEC NL10276AC28-02L Datasheet HTML 4Page - NEC NL10276AC28-02L Datasheet HTML 5Page - NEC NL10276AC28-02L Datasheet HTML 6Page - NEC NL10276AC28-02L Datasheet HTML 7Page - NEC NL10276AC28-02L Datasheet HTML 8Page - NEC NL10276AC28-02L Datasheet HTML 9Page - NEC NL10276AC28-02L Datasheet HTML 10Page - NEC Next Button 

NL10276AC28-02L Product details

DESCRIPTION
NL10276AC28-02L is a TFT (thin film transistor) active matrix color liquid crystal display (LCD) comprising amorphous silicon TFT attached to each signal electrode, a driving circuit, a CRT interface board and a backlight. NL10276AC28-02L has a built-in backlight with an inverter.
The 36 cm (14.1 inches) diagonal display area contains 1024 × 768 pixels and can display full-color (more than 16 million colors simultaneously). Also, it has ultra wide viewing angle and multi-scan function. Therefore, we call this module Super Fine TFT.

FEATURES
• Ultra-wide viewing angle and low reflection
• CRT interface board
    Auto recognition of input signal: Analog RGB signals, Synchronous signals (Hsync, Vsyn, Composite)
    Digital control: e.g. Brightness, Display Position
    Free supply voltage sequence
    Corresponding to DDCI and DDC2B
    Corresponding to VESA DPMS
• Multi-scan function: e.g. XGA, SXGA, XGA, SVGA, VGA, VGA-TEXT, MAC
• Incorporated edge type backlight (Four lamps into two lamp holders, Inverter)
• Lamp unit replaceable (note)
    VESA : Video Electronics Standards Association
    DPMS : Display Power Management Signaling
    DDC1 : Display Data Channel 1
    DDC2B: Display Data Channel 2B

APPLICATIONS
• Desk-top type of PC
• Engineering workstation
• Display terminals for control system
• Monitors for process controller



Similar Part No. - NL10276AC28-02L

ManufacturerPart #DatasheetDescription
logo
NEC
NL10276AC28-01L NEC-NL10276AC28-01L Datasheet
265Kb / 5P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Multi-scan function, Built-in CRT interface board
More results


Similar Description - NL10276AC28-02L

ManufacturerPart #DatasheetDescription
logo
NEC
NL10276AC28-01L NEC-NL10276AC28-01L Datasheet
265Kb / 5P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Multi-scan function, Built-in CRT interface board
NL10276AC30-03 NEC-NL10276AC30-03 Datasheet
281Kb / 40P
   38 cm 15.0 inches, 1024 x 768 pixels, FULL-COLOR, MULTI-SCAN FUNCTION Wide viewing angle
NL10276AC30-01A NEC-NL10276AC30-01A Datasheet
234Kb / 32P
   38 cm 15 inches, 1024 x 768 pixels, Full-color, Multi-scan Function, Built-in backlight with inverter Ultra wide viewing angle
NL10276BC28-05D NEC-NL10276BC28-05D Datasheet
202Kb / 24P
   36 cm 14.1 inches, 1024 x 768 pixels, 262,144 colors, LVDS Interface, High luminance
NL10276AC30-04R NEC-NL10276AC30-04R Datasheet
206Kb / 28P
   38 cm 15.0 inches, 1024 x 768 pixels, 262,144 colors, LVDS interface, Wide viewing angle, High luminance
NL128102AC23-02A NEC-NL128102AC23-02A Datasheet
279Kb / 40P
   39 cm 15.4 inches, 1280 x 1024 pixels, Full-color, Multi-scan Function Incorporated backlight with inverter
NL8060BC31-17 NEC-NL8060BC31-17 Datasheet
243Kb / 9P
   31 cm 12.1 inches, 800 x 600 pixels, 262144 colors High luminance, Wide viewing angle, Reversible scan direction
NL3224AC35-01 NEC-NL3224AC35-01 Datasheet
145Kb / 28P
   14 cm 5.5 inches, 320 x 240 Pixels, Full color NTSC/PAL mode, Wide temperature range
logo
WAGO Kontakttechnik Gmb...
762-3150-000-003 WAGO-762-3150-000-003 Datasheet
239Kb / 6P
   Control Panel; 38.1 cm (15.0"); 1024 x 768 pixels; CAN, Target Visualization
logo
NEC
NL3224AC35-10 NEC-NL3224AC35-10 Datasheet
148Kb / 20P
   14 cm 5.5 inches, 320 x 240 Pixels, Full color Incorporated backlight with inverter
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com