Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV240A Datasheet (PDF) - Hitachi Semiconductor

HD74LV240A Datasheet PDF - Hitachi Semiconductor
Part # HD74LV240A
Download  HD74LV240A Download

File Size   68.12 Kbytes
Page   14 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Octal Buffers / Drivers with 3-state Outputs

HD74LV240A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LV240A Datasheet PDF - Hitachi Semiconductor

Part # HD74LV240A
Download  HD74LV240A Click to download

File Size   68.12 Kbytes
Page   14 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Octal Buffers / Drivers with 3-state Outputs

HD74LV240A Datasheet (HTML) - Hitachi Semiconductor

Back Button HD74LV240A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV240A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV240A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV240A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV240A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV240A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV240A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV240A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV240A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV240A Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD74LV240A Product details

Description
The HD74V240A has eight inverter drivers with three-state outputs in a 20-pin package. Four inverters are included in one circuit. Each circuit can be independently controlled by the enable signal 1OE or 2OE, which enables outputs when receiving a low-level signal. Low-voltage operation is suitable for batterypowered products (e.g., notebook computers), and the low-power consumption extends the battery life.

Features
• VCC = 2.0 V to 5.5 V operation
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±8 mA (@VCC = 3.0 V to 3.6 V), ±16 mA (@VCC = 4.5 V to 5.5 V)




Similar Part No. - HD74LV240A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV240A RENESAS-HD74LV240A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV240AFPEL RENESAS-HD74LV240AFPEL Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV240ARPEL RENESAS-HD74LV240ARPEL Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV240ATELL RENESAS-HD74LV240ATELL Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
More results


Similar Description - HD74LV240A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com