Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV132A Datasheet (PDF) - Hitachi Semiconductor

HD74LV132A Datasheet PDF - Hitachi Semiconductor
Part # HD74LV132A
Download  HD74LV132A Download
File Size   52.5 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input NAND Schmitt-triggers

HD74LV132A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LV132A Datasheet PDF - Hitachi Semiconductor

Part # HD74LV132A
Download  HD74LV132A Click to download

File Size   52.5 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input NAND Schmitt-triggers

HD74LV132A Datasheet (HTML) - Hitachi Semiconductor


HD74LV132A Product details

Description
The HD74LV132A has four two-input schmitt tigger NAND gates in a 14-pin package.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life.

Features
• VCC = 2.0 V to 5.5 V operation
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@VCC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)




Similar Part No. - HD74LV132A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
Quad. 2-input NAND Schmitt-triggers
HD74LV132AFPEL RENESAS-HD74LV132AFPEL Datasheet
68Kb / 9P
Quad. 2-input NAND Schmitt-triggers
HD74LV132AFPEL RENESAS-HD74LV132AFPEL Datasheet
92Kb / 11P
Quad. 2-input NAND Schmitt-triggers
HD74LV132ARPEL RENESAS-HD74LV132ARPEL Datasheet
68Kb / 9P
Quad. 2-input NAND Schmitt-triggers
HD74LV132ARPEL RENESAS-HD74LV132ARPEL Datasheet
92Kb / 11P
Quad. 2-input NAND Schmitt-triggers
More results


Similar Description - HD74LV132A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP Datasheet
222Kb / 5P
QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
System Logic Semiconduc...
SL4093B SLS-SL4093B Datasheet
37Kb / 5P
Quad 2-Input NAND Schmitt Triggers
logo
Hitachi Semiconductor
HD74HC132 HITACHI-HD74HC132 Datasheet
41Kb / 7P
Quad. 2-input NAND Schmitt Triggers
logo
Intersil Corporation
CD4093BMS INTERSIL-CD4093BMS Datasheet
77Kb / 9P
CMOS Quad 2-Input NAND Schmitt Triggers
December 1992
logo
Micro Electronics
MMC4093 MICRO-ELECTRONICS-MMC4093 Datasheet
133Kb / 4P
QUAD 2 INPUT NAND SCHMITT TRIGGERS
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP_07 Datasheet
265Kb / 8P
Quad 2-Input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
Quad. 2-input NAND Schmitt-triggers
HD74HC132 RENESAS-HD74HC132 Datasheet
86Kb / 7P
Quad. 2-input NAND Schmitt Triggers
HD74LV132A RENESAS-HD74LV132A_15 Datasheet
92Kb / 11P
Quad. 2-input NAND Schmitt-triggers
logo
Texas Instruments
CD4093B TI1-CD4093B_15 Datasheet
978Kb / 17P
CMOS Quad 2-Input NAND Schmitt Triggers
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com