Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC4020 Datasheet (PDF) - Hitachi Semiconductor

HD74HC4020 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC4020
Download  HD74HC4020 Download
File Size   53.64 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 14-stage Binary Counter

HD74HC4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC4020 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC4020
Download  HD74HC4020 Click to download

File Size   53.64 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 14-stage Binary Counter

HD74HC4020 Datasheet (HTML) - Hitachi Semiconductor


HD74HC4020 Product details

Description
The HD74HC4020 is a 14 stage counter. This device is incremented on the falling edge (negative transition) of the input clock, and all its output is reset to a low level by applying a logical high on its reset input.

Features
• High Speed Operation: tpd (Clock to Q1) = 14 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC4020

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020 Datasheet
94Kb / 7P
14-stage Binary Counter
HD74HC4020FPEL RENESAS-HD74HC4020FPEL Datasheet
94Kb / 7P
14-stage Binary Counter
HD74HC4020FPEL RENESAS-HD74HC4020FPEL Datasheet
114Kb / 9P
14-stage Binary Counter
HD74HC4020P RENESAS-HD74HC4020P Datasheet
94Kb / 7P
14-stage Binary Counter
HD74HC4020P RENESAS-HD74HC4020P Datasheet
114Kb / 9P
14-stage Binary Counter
More results


Similar Description - HD74HC4020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
14-stage binary counter
January 1995
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4060 FAIRCHILD-MM74HC4060 Datasheet
84Kb / 8P
14 Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4060 HITACHI-HD74HC4060 Datasheet
52Kb / 9P
14-stage Binary Counter
logo
STMicroelectronics
M74HC4020 STMICROELECTRONICS-M74HC4020 Datasheet
364Kb / 11P
14 STAGE BINARY COUNTER
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020 Datasheet
94Kb / 7P
14-stage Binary Counter
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
14-stage Binary Counter
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
14-stage binary counter
Rev. 8-18 November 2011
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020_15 Datasheet
114Kb / 9P
14-stage Binary Counter
logo
Nexperia B.V. All right...
HEF4020B-Q100 NEXPERIA-HEF4020B-Q100 Datasheet
206Kb / 11P
14-stage binary counter
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com