Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVCHS162830 Datasheet (PDF) - Hitachi Semiconductor

HD74ALVCHS162830 Datasheet PDF - Hitachi Semiconductor
Part # HD74ALVCHS162830
Download  HD74ALVCHS162830 Download

File Size   57.75 Kbytes
Page   11 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 1-bit to 2-bit Address Driver with 3-state Outputs

HD74ALVCHS162830 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74ALVCHS162830 Datasheet PDF - Hitachi Semiconductor

Part # HD74ALVCHS162830
Download  HD74ALVCHS162830 Click to download

File Size   57.75 Kbytes
Page   11 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 1-bit to 2-bit Address Driver with 3-state Outputs

HD74ALVCHS162830 Datasheet (HTML) - Hitachi Semiconductor

Back Button HD74ALVCHS162830 Datasheet HTML 1Page - Hitachi Semiconductor HD74ALVCHS162830 Datasheet HTML 2Page - Hitachi Semiconductor HD74ALVCHS162830 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVCHS162830 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCHS162830 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCHS162830 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCHS162830 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCHS162830 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCHS162830 Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVCHS162830 Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD74ALVCHS162830 Product details

Description
This 1-bit to 2-bit address driver is designed for 2.3 V to 3.6 V VCC operation.
Diodes to VCC have been added on the inputs to clamp overshoot.

Features
• VCC = 2.3 V to 3.6 V
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±12 mA (@VCC = 3.0 V)
• Bus hold on data inputs eliminates the need for external pullup / pulldown resistors
• All outputs have equivalent 26 Ω series resistors, so no external resistors are required
• Diode on inputs clamp overshoot




Similar Part No. - HD74ALVCHS162830

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH162244 HITACHI-HD74ALVCH162244 Datasheet
51Kb / 10P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162244 RENESAS-HD74ALVCH162244 Datasheet
129Kb / 10P
   16-bit Buffers / Drivers with 3-state Outputs
HD74ALVCH162244 RENESAS-HD74ALVCH162244_15 Datasheet
154Kb / 12P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Similar Description - HD74ALVCHS162830

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH162830 HITACHI-HD74ALVCH162830 Datasheet
55Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830 Datasheet
112Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16830 HITACHI-HD74ALVCH16830 Datasheet
52Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCHS162830 TI1-SN74ALVCHS162830_08 Datasheet
303Kb / 12P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI1-74ALVCHS162830A_09 Datasheet
286Kb / 9P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI-74ALVCHS162830A Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCHS162830 TI-SN74ALVCHS162830 Datasheet
97Kb / 7P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162830 RENESAS-HD74ALVCH162830 Datasheet
2Mb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830_08 Datasheet
288Kb / 11P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com