Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005S35JI Datasheet (PDF) - Integrated Device Technology

7005S35JI Datasheet PDF - Integrated Device Technology
Part No. 7005S35JI
Download  7005S35JI Click to view

File Size   363.95 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM

7005S35JI Datasheet (PDF)

Go To PDF Page Download Datasheet
7005S35JI Datasheet PDF - Integrated Device Technology

Part No. 7005S35JI
Download  7005S35JI Click to view

File Size   363.95 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM

7005S35JI Datasheet (HTML) - Integrated Device Technology

Back Button 7005S35JI Datasheet HTML 1Page - Integrated Device Technology 7005S35JI Datasheet HTML 2Page - Integrated Device Technology 7005S35JI Datasheet HTML 3Page - Integrated Device Technology 7005S35JI Datasheet HTML 4Page - Integrated Device Technology 7005S35JI Datasheet HTML 5Page - Integrated Device Technology 7005S35JI Datasheet HTML 6Page - Integrated Device Technology 7005S35JI Datasheet HTML 7Page - Integrated Device Technology 7005S35JI Datasheet HTML 8Page - Integrated Device Technology 7005S35JI Datasheet HTML 9Page - Integrated Device Technology 7005S35JI Datasheet HTML 10Page - Integrated Device Technology Next Button 

7005S35JI Product details

Description
The IDT7005 is a high-speed 8K x 8 Dual-Port Static RAM. The IDT7005 is designed to be used as a stand-alone 64K-bit Dual-Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 16-bit-or-more word systems. Using the IDT MASTER/SLAVE Dual-Port RAM approach in 16-bit or wider memory system applications results in full speed, error-free operation without the need for additional discrete logic.

Features
◆ True Dual-Ported memory cells which allow simultaneous reads of the same memory location
◆ High-speed access
    – Military: 20/25/35/55/70ns (max.)
    – Industrial: 20/35/55ns (max.)
    – Commercial:15/17/20/25/35/55ns (max.)
◆ Low-power operation
    – IDT7005S
        Active: 750mW (typ.)
        Standby: 5mW (typ.)
    – IDT7005L
        Active: 700mW (typ.)
        Standby: 1mW (typ.)
◆ IDT7005 easily expands data bus width to 16 bits or more using the Master/Slave select when cascading more than one device
◆ M/S = H for BUSY output flag on Master, M/S = L for BUSY input on Slave
◆ Interrupt Flag
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling between ports
◆ Fully asynchronous operation from either port
◆ Devices are capable of withstanding greater than 2001V electrostatic discharge
◆ Battery backup operation—2V data retention
◆ TTL-compatible, single 5V (±10%) power supply
◆ Available in 68-pin PGA, PLCC and a 64-pin thin quad flatpack
◆ Industrial temperature range (-40°C to +85°C) is available for selected speeds
◆ Green parts available, see ordering information



Similar Part No. - 7005S35JI

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
7005S35JG IDT-7005S35JG Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JG8 IDT-7005S35JG8 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JGB IDT-7005S35JGB Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JGB IDT-7005S35JGB Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JGB8 IDT-7005S35JGB8 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7005S35JI

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz