Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFW24S15-1000 Datasheet (PDF) - Wall Industries,Inc.

JFW24S15-1000 Datasheet PDF - Wall Industries,Inc.
Part # JFW24S15-1000
Download  JFW24S15-1000 Download

File Size   1058.58 Kbytes
Page   16 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description DC/DC Converter

JFW24S15-1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
JFW24S15-1000 Datasheet PDF - Wall Industries,Inc.

Part # JFW24S15-1000
Download  JFW24S15-1000 Click to download

File Size   1058.58 Kbytes
Page   16 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description DC/DC Converter

JFW24S15-1000 Datasheet (HTML) - Wall Industries,Inc.


JFW24S15-1000 Product details

DESCRIPTION
The JFW series of DC/DC power converters provides up to 15 Watts of output power in a low profile industry standard package and footprint. These converters have single outputs and operate over 4:1 input voltage ranges of 9-36VDC and 18-75VDC. These units are also protected against short circuit, over current, over voltage, and input under voltage conditions. Some features include high efficiency up to 87%, adjustable output voltage, and positive or negative remote ON/OFF control. These converters are RoHS compliant and have UL60950-1, EN60950-1, and IEC60950-1 safety approvals. Both surface mount (“S” suffix) and DIP (standard) packages are available.

FEATURES
• 15 Watts Maximum Output Power
• Single Output up to 4A
• Cost Efficient Open Frame Design
• Small Size and Low Profile
• High Efficiency up to 87%
• 4:1 Ultra Wide Input Voltage Range
• Fixed Switching Frequency
• Input to Output Isolation: 2250VDC
• CE Marked
• RoHS II & REACH
• No Minimum Load Requirement
• Output Voltage Adjustability
• Industry Standard Pin-Out
• Negative or Positive Remote ON/OFF Control
• Short Circuit, Over Current, Over Voltage, and Input Under
   Voltage Protection
• Surface Mount and Through Hole Types Available
• SMT Package Qualified for Lead-free Reflow Solder Process
   According to IPC J-STD-020D
• UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals

APPLICATIONS
• Wireless Network
• Telecom/Datacom
• Industry Control System
• Measurement Equipment
• Semiconductor Equipment




Similar Part No. - JFW24S15-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
486Kb / 6P
   15W Open Frame DC/DC Power Converters
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
331Kb / 5P
   Up to 15 Watts Open Frame DC/DC Power Converters Single Outputs
More results


Similar Description - JFW24S15-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com