Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8J2TB Datasheet (PDF) - Rohm

SP8J2TB Datasheet PDF - Rohm
Part # SP8J2TB
Download  SP8J2TB Download

File Size   71.59 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (.30V, .4.5A)

SP8J2TB Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8J2TB Datasheet PDF - Rohm

Part # SP8J2TB
Download  SP8J2TB Click to download

File Size   71.59 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (.30V, .4.5A)

SP8J2TB Datasheet (HTML) - Rohm

SP8J2TB Datasheet HTML 1Page - Rohm SP8J2TB Datasheet HTML 2Page - Rohm SP8J2TB Datasheet HTML 3Page - Rohm SP8J2TB Datasheet HTML 4Page - Rohm SP8J2TB Datasheet HTML 5Page - Rohm



Similar Part No. - SP8J2TB

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8J2 ROHM-SP8J2 Datasheet
66Kb / 5P
   Switching (−30V, −4.5A)
More results


Similar Description - SP8J2TB

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ045N03 ROHM-RTQ045N03 Datasheet
130Kb / 4P
   Switching (30V, 4.5A)
RRQ045P03FRA ROHM-RRQ045P03FRA Datasheet
777Kb / 14P
   Pch -30V -4.5A Power MOSFET
RQ6E045BN ROHM-RQ6E045BN Datasheet
2Mb / 15P
   Nch 30V 4.5A Power MOSFET
RSQ045N03FRA ROHM-RSQ045N03FRA Datasheet
1Mb / 15P
   Nch 30V 4.5A Power MOSFET
RW4E045AT ROHM-RW4E045AT Datasheet
2Mb / 14P
   Pch -30V -4.5A Power MOSFET
20200227 - Rev.001
RW4E045AJ ROHM-RW4E045AJ Datasheet
2Mb / 14P
   Nch 30V 4.5A Power MOSFET
20190328 - Rev.001
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
   Switching (45V, 4.5A)
RTQ045N03FRA ROHM-RTQ045N03FRA_16 Datasheet
2Mb / 15P
   Nch 30V 4.5A Small Signal MOSFET
RTQ045N03HZG ROHM-RTQ045N03HZG Datasheet
2Mb / 15P
   Nch 30V 4.5A Small Signal MOSFET
RRQ045P03HZG ROHM-RRQ045P03HZG Datasheet
2Mb / 15P
   Pch -30V -4.5A Small Signal MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com