Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG78XXG883B Datasheet (PDF) - Microsemi Corporation

SG78XXG883B Datasheet PDF - Microsemi Corporation
Part # SG78XXG883B
Download  SG78XXG883B Download

File Size   409.11 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Positive Fixed Voltage Regulator

SG78XXG883B Datasheet (PDF)

Go To PDF Page Download Datasheet
SG78XXG883B Datasheet PDF - Microsemi Corporation

Part # SG78XXG883B
Download  SG78XXG883B Click to download

File Size   409.11 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Positive Fixed Voltage Regulator

SG78XXG883B Datasheet (HTML) - Microsemi Corporation

SG78XXG883B Datasheet HTML 1Page - Microsemi Corporation SG78XXG883B Datasheet HTML 2Page - Microsemi Corporation SG78XXG883B Datasheet HTML 3Page - Microsemi Corporation SG78XXG883B Datasheet HTML 4Page - Microsemi Corporation SG78XXG883B Datasheet HTML 5Page - Microsemi Corporation SG78XXG883B Datasheet HTML 6Page - Microsemi Corporation SG78XXG883B Datasheet HTML 7Page - Microsemi Corporation SG78XXG883B Datasheet HTML 8Page - Microsemi Corporation

SG78XXG883B Product details

Description
The SG78xxA/SG78xx series of positive regulators offer self-contained, fixed-voltage capability with up to 1.5 A of load current and input voltage up to 50 V (SG78xxA series only). These units feature a unique on-chip trimming system to set the output voltages to within ±1.5% of nominal on the SG78xxA series with ±2.0% on the SG78xx series. The SG78xxA versions also offer much improved line and load regulation characteristics. Utilizing an improved bandgap reference design, problems such as drift in output voltage and large changes in the line and load regulation, that are normally associated with the Zener diode references have been eliminated.

Features
◾ Output Voltage Set Internally to ±1.5% on SG78xxA
◾ Input Voltage Range to 50 V max on SG78xxA
◾ 2 V Input-Output Differential
◾ Excellent Line and Load Regulation
◾ Fold back Current Limiting
◾ Thermal Overload Protection
◾ Voltages Available: 5 V, 12 V, 15 V
◾ Contact Factory for Other Voltage Options
◾ Available in Surface Mount Package




Similar Part No. - SG78XXG883B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG78xxG MICROSEMI-SG78xxG Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG78xxG/883B MICROSEMI-SG78xxG/883B Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
More results


Similar Description - SG78XXG883B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
   Positive Fixed Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com