Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4681 Datasheet (PDF) - General Semiconductor

1N4681 Datasheet PDF - General Semiconductor
Part # 1N4681
Download  1N4681 Download
File Size   40.04 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description ZENER DIODES

1N4681 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4681 Datasheet PDF - General Semiconductor

Part # 1N4681
Download  1N4681 Click to download

File Size   40.04 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description ZENER DIODES

1N4681 Datasheet (HTML) - General Semiconductor


1N4681 Product details

FEATURES
♦ Silicon Planar Zener Diodes
♦ Standard Zener voltage tolerance is ± 5%. Other tolerances are available upon request.
♦ High temperature soldering guaranteed: 250°C/10 seconds, 0.375” (9.5mm) lead length.
♦ These diodes are also available in SOD-123 case with the type designation   
   MMSZ4681...MMSZ4717 and SOT-23 case
   with the type designation MMBZ4681...MMBZ4717.

MECHANICAL DATA
Case: DO-35 Glass Case
Weight: approx. 0.13 g
Terminals: Solderable, per MIL-STD-750, method 2026.




Similar Part No. - 1N4681

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4681 VISHAY-1N4681 Datasheet
67Kb / 6P
Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Compensated Deuices Inc...
1N4681 CDI-DIODE-1N4681 Datasheet
116Kb / 2P
50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Knox Semiconductor, Inc
1N4681 KNOX-1N4681 Datasheet
36Kb / 1P
LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
Microsemi Corporation
1N4681 MICROSEMI-1N4681 Datasheet
48Kb / 1P
SILICON 250 mW ZENER DIODES
logo
TAITRON Components Inco...
1N4681 TAITRON-1N4681 Datasheet
245Kb / 4P
ZENER DIODES
More results


Similar Description - 1N4681

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N746 GE-1N746 Datasheet
36Kb / 2P
ZENER DIODES
BZX84 GE-BZX84 Datasheet
396Kb / 9P
Zener Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
Zener Diodes
29-Apr-02
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
Zener Diodes
18-Apr-02
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
ZENER DIODES
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com