Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90573 Datasheet (PDF) - Fujitsu Component Limited.

MB90573 Datasheet PDF - Fujitsu Component Limited.
Part # MB90573
Download  MB90573 Download

File Size   2504.67 Kbytes
Page   135 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 16-bit Proprietary Microcontroller

MB90573 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90573 Datasheet PDF - Fujitsu Component Limited.

Part # MB90573
Download  MB90573 Click to download

File Size   2504.67 Kbytes
Page   135 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 16-bit Proprietary Microcontroller

MB90573 Datasheet (HTML) - Fujitsu Component Limited.


MB90573 Product details

■ DESCRIPTION
The MB90570A/570C series is a general-purpose 16-bit microcontroller developed and designed by Fujitsu for process control applications in consumer products that require high-speed real time processing. It contains an I2C bus interface that allows inter-equipment communication to be implemented readily. This product is well adapted to car audio equipment, VTR systems, and other equipment and systems.

■ FEATURES
• Clock
    Embedded PLL clock multiplication circuit
    Operating clock (PLL clock) can be selected from 1/2 to 4× oscillation (at oscillation of 4 MHz, 4 MHz to 16 MHz).
    Minimum instruction execution time: 62.5 ns (at oscillation of 4 MHz, 4× PLL clock, operation at VCC of 5.0 V)
• Maximum memory space
    16 Mbytes
• Instruction set optimized for controller applications
    Rich data types (bit, byte, word, long word)
    Rich addressing mode (23 types)
    Enhanced signed multiplication/division instruction and RETI instruction functions
    Enhanced precision calculation realized by the 32-bit accumulator
• Instruction set designed for high level language (C) and multi-task operations
    Adoption of system stack pointer
    Enhanced pointer indirect instructions
    Barrel shift instructions
• Program patch function (for two address pointers)
• Enhanced execution speed
    4-byte instruction queue
• Enhanced interrupt function
    8 levels, 34 factors
• Automatic data transmission function independent of CPU operation
    Extended intelligent I/O service function (EI2OS): Up to 16 channels
• Embedded ROM size and types
    Mask ROM: 128 kbytes/256 kbytes
    Flash ROM: 256 kbytes
    Embedded RAM size:6 kbytes/10 kbytes (mask ROM)
                                       10 kbytes (flash memory)
                                       10 kbytes (evaluation device)
• Low-power consumption (standby) mode
    Sleep mode (mode in which CPU operating clock is stopped)
    Stop mode (mode in which oscillation is stopped)
    CPU intermittent operation mode
    Hardware standby mode
• Process
    CMOS technology
• I/O port
    General-purpose I/O ports (CMOS): 63 ports
    General-purpose I/O ports (with pull-up resistors): 24 ports
    General-purpose I/O ports (open-drain): 10 ports
    Total: 97 ports
• Timer
    Timebase timer/watchdog timer: 1 channel
    8/16-bit PPG timer: 8-bit × 2 channels or 16-bit × 1 channel
• 8/16-bit up/down counter/timer: 1 channel (8-bit × 2 channels)
(Continue ...)




Similar Part No. - MB90573

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90573 FUJITSU-MB90573 Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 120P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 120P
   16-bit Proprietary Microcontroller
MB90573PFF FUJITSU-MB90573PFF Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90573PFV FUJITSU-MB90573PFV Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
More results


Similar Description - MB90573

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com