Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP150F Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

SP150F Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # SP150F
Download  SP150F Download

File Size   100.19 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description High Voltage Rectifier Stacks

SP150F Datasheet (PDF)

Go To PDF Page Download Datasheet
SP150F Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # SP150F
Download  SP150F Click to download

File Size   100.19 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description High Voltage Rectifier Stacks

SP150F Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

SP150F Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.

SP150F Product details

High Voltage Rectifier Stacks

0.5A -2.2A • 70ns -150ns • Axial Leaded




Similar Part No. - SP150F

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SP150F VMI-SP150F Datasheet
71Kb / 1P
   High Voltage Rectifier Stacks
SP150F VMI-SP150F Datasheet
74Kb / 2P
   12,500 V - 25,000 V Rectifier Stacks 0.5 A Forward Current 150 ns Recovery Time
More results


Similar Description - SP150F

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SP25UF VMI-SP25UF Datasheet
71Kb / 1P
   High Voltage Rectifier Stacks
logo
Microsemi Corporation
688-10 MICROSEMI-688-10 Datasheet
136Kb / 2P
   High Voltage Stacks
1N5597TX MICROSEMI-1N5597TX Datasheet
163Kb / 3P
   High Voltage Stacks
logo
Voltage Multipliers Inc...
SPJ100F VMI-SPJ100F_13 Datasheet
89Kb / 2P
   High Voltage Rectifier Stacks 50mA ??70ns ??Axial Leaded
SPJ100S VMI-SPJ100S_13 Datasheet
127Kb / 2P
   High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded
FP50UF VMI-FP50UF Datasheet
141Kb / 2P
   High Voltage Rectifier Stacks 2.2A ??70ns ??Axial Leaded
SP50UF VMI-SP50UF_13 Datasheet
95Kb / 2P
   High Voltage Rectifier Stacks 0.5A ??70ns ??Axial Leaded
FP50S VMI-FP50S_13 Datasheet
141Kb / 2P
   High Voltage Rectifier Stacks 2.2A ??3000ns ??Axial Leaded
logo
List of Unclassifed Man...
SP100S ETC-SP100S Datasheet
71Kb / 2P
   5,000 V - 12,500 V Rectifier Stacks
logo
Vishay Siliconix
GDMQ VISHAY-GDMQ_17 Datasheet
90Kb / 4P
   High Voltage Ceramic Capacitor Stacks, With Leads, Class 2 Ceramic
Revision: 23-May-17
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com