Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89583B Datasheet (PDF) - Fujitsu Component Limited.

MB89583B Datasheet PDF - Fujitsu Component Limited.
Part # MB89583B
Download  MB89583B Download

File Size   600.12 Kbytes
Page   42 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 8-bit Proprietary Microcontrollers

MB89583B Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89583B Datasheet PDF - Fujitsu Component Limited.

Part # MB89583B
Download  MB89583B Click to download

File Size   600.12 Kbytes
Page   42 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 8-bit Proprietary Microcontrollers

MB89583B Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB89583B Datasheet HTML 1Page - Fujitsu Component Limited. MB89583B Datasheet HTML 2Page - Fujitsu Component Limited. MB89583B Datasheet HTML 3Page - Fujitsu Component Limited. MB89583B Datasheet HTML 4Page - Fujitsu Component Limited. MB89583B Datasheet HTML 5Page - Fujitsu Component Limited. MB89583B Datasheet HTML 6Page - Fujitsu Component Limited. MB89583B Datasheet HTML 7Page - Fujitsu Component Limited. MB89583B Datasheet HTML 8Page - Fujitsu Component Limited. MB89583B Datasheet HTML 9Page - Fujitsu Component Limited. MB89583B Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB89583B Product details

■ DESCRIPTION

The MB89580B/BW series is a line of general-purpose, single-chip microcontrollers. In addition to a compact

instruction set, these microcontrollers contain a variety of peripheral functions, such as PLL clock control, timers, a serial interface, a PWM timer, and the USB function. In particular, these microcontrollers contain one USB function channel to support both full and low speeds.



■ FEATURES

• Package type

   64-pin LQFP package (0.5 mm and 0.65 mm pitch)

• High-speed operations at low voltage

   Minimum execution time : 0.33 µs (Automatically generates a 12 MHz main clock and a 48 MHz USB interface synchronization clock with an externally supplied 6 MHz clock and the internal PLL circuit.)

• F2MC-8L CPU core

   Instruction set that is optimum to the controllers

   -Multiplication and division instructions

   -16-bit arithmetic operations

   -branch instructions by bit testing

   -bit manipulation instructions, etc.

• PLL clock control

   The internal PLL clock circuit allows the use of low-speed clocks which are advantageous to noise characteristics. (6 MHz externally-supplied clock→12 MHz internal system clock)

• Various timers

   8-bit PWM timer (can be used as either 8-bit PWM timer × 2 channels or PPG timer × 1 channel) Internal 21-bit timebase timer

• Internal USB transceiver circuit (Compatible with full and low speeds)

• USB function

   Compliant to USB Protocol Revision 1.0

   Support for both low and full speeds (selectable)

   Allows four endpoints to be specified at maximum.

   Types of transfer supported : control/interrupt/bulk/isochronous

   Built-in DMAC (Maps the buffer for each endpoint on to the internal RAM to directly access the memory for

function’s send and receive data.)

• UART/serial interface

   Built-in UART/SIO function (selectable by switching)

• External interrupt

   External interrupt (level detection × 8 channels)

   Eight inputs are independent of one another and can also be used for resetting from low-power consumption mode (the L-level detection feature available) .

• Low power consumption (standby mode supported)

   Stop mode (There is almost no current consumption since oscillation stops.)

   Sleep mode (This mode stops the running CPU.)

• A maximum of 53 general-purpose I/O ports

   General-purpose I/O ports (CMOS) : 34

   General-purpose output ports (CMOS) : 8

   General-purpose I/O ports (Nch open drain) : 3

   General-purpose input ports (CMOS 3.3 V input-compatible) : 8

• Parallel ports

   Also serve as eight of the general-purpose I/O ports (CMOS)

   Interrupt function available

   Allows asynchronous read and write by external signals

• Power supply

   Supply voltage : 3.0 V to 5.5 V



 




Similar Part No. - MB89583B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89583B FUJITSU-MB89583B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89583BPFV FUJITSU-MB89583BPFV Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89583BW FUJITSU-MB89583BW Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89583BWPFV FUJITSU-MB89583BWPFV Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
More results


Similar Description - MB89583B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com