Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD2208XEA Datasheet (PDF) - Fujitsu Component Limited.

MB84VD2208XEA Datasheet PDF - Fujitsu Component Limited.
Part # MB84VD2208XEA
Download  MB84VD2208XEA Download

File Size   1266.36 Kbytes
Page   61 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM

MB84VD2208XEA Datasheet (PDF)

Go To PDF Page Download Datasheet
MB84VD2208XEA Datasheet PDF - Fujitsu Component Limited.

Part # MB84VD2208XEA
Download  MB84VD2208XEA Click to download

File Size   1266.36 Kbytes
Page   61 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM

MB84VD2208XEA Datasheet (HTML) - Fujitsu Component Limited.


MB84VD2208XEA Product details

■ FEATURES
• Power supply voltage of 2.7 to 3.3V
• High performance
    90 ns maximum access time (Flash)
    85 ns maximum access time (SRAM)
• Operating Temperature
    –25 to +85°C
• Package 73-ball FBGA

1. FLASH MEMORY
• Simultaneous Read/Write operations (dual bank)
    Multiple devices available with different bank sizes
    Host system can program or erase in one bank, then immediately and simultaneously read from the other bank
    Zero latency between read and write operations
    Read-while-erase
    Read-while-program
• Minimum 100,000 write/erase cycles
• Sector erase architecture
    Eight 4 K words and sixty three 32 K words.
    Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
    MB84VD2208XEA: Top sector
    MB84VD2209XEA: Bottom sector
• Embedded EraseTM Algorithms
    Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM Algorithms
    Automatically writes and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready-Busy output (RY/BY)
    Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
    When addresses remain stable, automatically switch themselves to low power mode.
• Low VCCf write inhibit ≤ 2.5 V
• Hidden ROM (Hi-ROM) region
    64K byte of Hi-ROM, accessible through a new “Hi-ROM Enable” command sequence
    Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC input pin
    At VIL, allows protection of boot sectors, regardless of sector protection/unprotection status
    (MB84VD2208XEA:SA69,SA70 MB84VD2209XEA:SA0,SA1)
    At VIH, allows removal of boot sector protection
    At VACC, program time will reduse by 40%.
• Erase Suspend/Resume
    Suspends the erase operation to allow a read in another sector within the same device
• Please refer to “MBM29DL32XTE/BE” data sheet in detailed function

2. SRAM
• Power dissipation
    Operating : 40 mA max.
    Standby : 7 µA max.
• Power down features using CE1s and CE2s
• Data retention supply voltage: 1.5 V to 3.3 V
• CE1s and CE2s Chip Select
• Byte data control: LBs (DQ0 to DQ7), UBs(DQ8 to DQ15)




Similar Part No. - MB84VD2208XEA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD22181EC FUJITSU-MB84VD22181EC Datasheet
1Mb / 61P
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22181EC-90 FUJITSU-MB84VD22181EC-90 Datasheet
1Mb / 61P
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22181EC-90-PBS FUJITSU-MB84VD22181EC-90-PBS Datasheet
1Mb / 61P
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22181EE FUJITSU-MB84VD22181EE Datasheet
1Mb / 61P
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22181EE-90 FUJITSU-MB84VD22181EE-90 Datasheet
1Mb / 61P
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
More results


Similar Description - MB84VD2208XEA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
logo
SPANSION
MB84VD22184FM-70 SPANSION-MB84VD22184FM-70 Datasheet
671Kb / 46P
32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22181FM-70 SPANSION-MB84VD22181FM-70 Datasheet
689Kb / 47P
32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VA2106 FUJITSU-MB84VA2106 Datasheet
423Kb / 29P
16M (x16) FLASH MEMORY & 1M (x 8) STATIC RAM
logo
SPANSION
MB84VD22184FM SPANSION-MB84VD22184FM Datasheet
720Kb / 47P
32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com