Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB47393 Datasheet (PDF) - Fujitsu Component Limited.

MB47393 Datasheet PDF - Fujitsu Component Limited.
Part # MB47393
Download  MB47393 Download

File Size   81.91 Kbytes
Page   9 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description DUAL COMPARATOR

MB47393 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB47393 Datasheet PDF - Fujitsu Component Limited.

Part # MB47393
Download  MB47393 Click to download

File Size   81.91 Kbytes
Page   9 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description DUAL COMPARATOR

MB47393 Datasheet (HTML) - Fujitsu Component Limited.

MB47393 Datasheet HTML 1Page - Fujitsu Component Limited. MB47393 Datasheet HTML 2Page - Fujitsu Component Limited. MB47393 Datasheet HTML 3Page - Fujitsu Component Limited. MB47393 Datasheet HTML 4Page - Fujitsu Component Limited. MB47393 Datasheet HTML 5Page - Fujitsu Component Limited. MB47393 Datasheet HTML 6Page - Fujitsu Component Limited. MB47393 Datasheet HTML 7Page - Fujitsu Component Limited. MB47393 Datasheet HTML 8Page - Fujitsu Component Limited. MB47393 Datasheet HTML 9Page - Fujitsu Component Limited.

MB47393 Product details

■ DESCRIPTION

The Fujitsu MB47393 is a dual comparator which is designed to operate from a single power supply over a wide range of voltage. The input characteristics is equivalent of current industry standard comparator. Even though operated from a single power supply, the input common mode voltage range includes ground. Owing to adoption of clamp circuitry in input pins, mis-operation is prevented by negative input. The MB47393 is compatible with LM393.



■ FEATURES

• Wide power supply voltage range

Single power supply ––– 2V to 30V

Dual power supplies ––– ±1V to ±15V

• Wide input common-mode voltage range

0V to (VCC – 1.5)V

• Low input bias current ––– 25nA typ.

• High sink current capability because of open collector output 40mA min.

• Package

Plastic 8 pin DIP package (Suffix: –P)

Plastic 8 pin FPT package (Suffix: –PF)

Plastic 9 pin SIP package (Suffix: –PS)




Similar Part No. - MB47393

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB47358 FUJITSU-MB47358 Datasheet
106Kb / 9P
   DUAL OPERATIONAL AMPLIFIER
More results


Similar Description - MB47393

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com