Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F5CE-897M50-K231-W Datasheet (PDF) - Fujitsu Component Limited.

FAR-F5CE-897M50-K231-W Datasheet PDF - Fujitsu Component Limited.
Part # FAR-F5CE-897M50-K231-W
Download  FAR-F5CE-897M50-K231-W Download

File Size   515.47 Kbytes
Page   49 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Piezoelectric SAW BPF (700 to 1700 MHz)

FAR-F5CE-897M50-K231-W Datasheet (PDF)

Go To PDF Page Download Datasheet
FAR-F5CE-897M50-K231-W Datasheet PDF - Fujitsu Component Limited.

Part # FAR-F5CE-897M50-K231-W
Download  FAR-F5CE-897M50-K231-W Click to download

File Size   515.47 Kbytes
Page   49 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Piezoelectric SAW BPF (700 to 1700 MHz)

FAR-F5CE-897M50-K231-W Datasheet (HTML) - Fujitsu Component Limited.

Back Button FAR-F5CE-897M50-K231-W Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F5CE-897M50-K231-W Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F5CE-897M50-K231-W Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F5CE-897M50-K231-W Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CE-897M50-K231-W Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CE-897M50-K231-W Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CE-897M50-K231-W Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CE-897M50-K231-W Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CE-897M50-K231-W Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CE-897M50-K231-W Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

FAR-F5CE-897M50-K231-W Product details

■ DESCRIPTION
The F5CE-D2 series of SAW bandpass filters apply to the frequency range 700 to 1000 MHz. These filters make it possible to provide high stopband attenuation and excellent passband flatness due to using unique DMS (Double Mode SAW) technology as design method. Moreover, these filters are provided in small 3.0 mm sq. package. This contributes to reduce weight and size of mobile communication units.
The F5CE-D2 series of SAW filters are suitable for interstage RF filter in mobile communication systems in the frequency range 700 to 1000 MHz. Standard devices are available for AMPS/CDMA/TDMA, GSM, PDC800 and ISM900.

■ FEATURES
• Excellent stopband attenuation
• Low insertion loss and low passband ripple
• Ultra compact and light package (3.0 mm sq.)
• External matching circuits are not required. (50 ohms I/O)
• Surface mount package (SMT)
• Standard devices are available for mobile communication standards (AMPS/CDMA/TDMA, GSM, PDC800 and ISM900)




Similar Part No. - FAR-F5CE-897M50-K231-W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE-897M50-K231-W FUJITSU-FAR-F5CE-897M50-K231-W Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results


Similar Description - FAR-F5CE-897M50-K231-W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com