Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3788 Datasheet (PDF) - Fujitsu Component Limited.

MB3788 Datasheet PDF - Fujitsu Component Limited.
Part # MB3788
Download  MB3788 Download
File Size   750.68 Kbytes
Page   21 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description SWITCHING REGULATOR CONTROLLER

MB3788 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3788 Datasheet PDF - Fujitsu Component Limited.

Part # MB3788
Download  MB3788 Click to download

File Size   750.68 Kbytes
Page   21 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description SWITCHING REGULATOR CONTROLLER

MB3788 Datasheet (HTML) - Fujitsu Component Limited.


MB3788 Product details

■ DESCRIPTION
The MB3788 is a dual-channel PWM-type switching regulator controller; it incorporates a reference voltage.
The MB3788 has a PWM circuit and an output circuit as well as a reference voltage power supply with a voltage accuracy of ±1%. The maximum operating frequency is 1 MHz. It is designed for a voltage-drop output switching regulator suitable for a logic power supply or speed control of a DC motor.
The MB3788 is compatible with all master ICs producing triangular waves, sawtooth waves and sine waves with an amplitude of 1.3 to 1.9 V.
It can be used in high-performance portable equipment such as a video camcorder or notebook personal computer (word processor).

■ FEATURES
- Wide operating power supply voltage range: 3.6 to 18 V
- Low power dissipation
- Operating: 1.9 mA (standard)
                    Standby: 10 µA max.
- High-frequency operation: 100 kHz to 1 MHz
- On-chip timer and latch-type short-circuit detection circuit
- Wide error amplifier input voltage range: -0.2 V to VCC - 1.8 V
- On-chip high-accuracy reference voltage circuit: 2.50 V ±1%
- Output circuit
    PNP transistor drive output pin: Push-pull type
    ON/OFF current values set independently
- On-chip standby function and output control function
- High-density packaging: SSOP-24P




Similar Part No. - MB3788

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3782 FUJITSU-MB3782 Datasheet
248Kb / 28P
Switching Regulator Controller
MB3782 FUJITSU-MB3782 Datasheet
226Kb / 27P
ASSP Power Supplies BIPOLAR Switching Regulator Controller
MB3782P FUJITSU-MB3782P Datasheet
248Kb / 28P
Switching Regulator Controller
MB3782P FUJITSU-MB3782P Datasheet
226Kb / 27P
ASSP Power Supplies BIPOLAR Switching Regulator Controller
MB3782PF FUJITSU-MB3782PF Datasheet
248Kb / 28P
Switching Regulator Controller
More results


Similar Description - MB3788

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
Switching Regulator Controller
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
Switching Regulator Controller
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
SWITCHING REGULATOR CONTROLLER
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com