Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3778 Datasheet (PDF) - Fujitsu Component Limited.

MB3778 Datasheet PDF - Fujitsu Component Limited.
Part # MB3778
Download  MB3778 Download

File Size   276.46 Kbytes
Page   29 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Switching Regulator Controller

MB3778 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3778 Datasheet PDF - Fujitsu Component Limited.

Part # MB3778
Download  MB3778 Click to download

File Size   276.46 Kbytes
Page   29 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Switching Regulator Controller

MB3778 Datasheet (HTML) - Fujitsu Component Limited.


MB3778 Product details

DESCRIPTION

The MB3778 is a dual switching regulator control IC. It has a two-channel basic circuit that controls PWM system switching regulator power. Complete synchronization is achieved by using the same oscillator output wave. This IC can accept any two of the following types of output voltage: step-down, step-up, or voltage inversion (inverting voltage can be output to only one circuit). The MB3778’s low power consumption makes it ideal for use in portable equipment.



FEATURES

• Wide input voltage range : 3.6 V to 18 V

• Low current consumption : 1.7 mA Typ operation, 10 µA Max stand-by

• Wide oscillation frequency range:1 kHz to 500 kHz

• Built-in timer latch short-circuit protection circuit

• Built-in under-voltage lockout circuit

• Built-in 2.46 V reference voltage circuit : 1.23 V output can be obtained from RT terminal

• Variable dead-time provides control over total range

• Built-in stand-by function: power on/off function

• Two types of packages (SOP-16pin :1 type, SSOP-16pin :1 type)



APPLICATIONS

• LCD monitor/panel

• Surveillance camera etc.




Similar Part No. - MB3778

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
357Kb / 31P
   Switching Regulator Controller
MB3778PF FUJITSU-MB3778PF Datasheet
357Kb / 31P
   Switching Regulator Controller
MB3778PF-E1 FUJITSU-MB3778PF-E1 Datasheet
357Kb / 31P
   Switching Regulator Controller
MB3778PFV FUJITSU-MB3778PFV Datasheet
357Kb / 31P
   Switching Regulator Controller
MB3778PFV-E1 FUJITSU-MB3778PFV-E1 Datasheet
357Kb / 31P
   Switching Regulator Controller
More results


Similar Description - MB3778

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com