Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3775 Datasheet (PDF) - Fujitsu Component Limited.

MB3775 Datasheet PDF - Fujitsu Component Limited.
Part # MB3775
Download  MB3775 Download

File Size   485.79 Kbytes
Page   25 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description SWITCHING REGULATOR CONTROLLER

MB3775 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3775 Datasheet PDF - Fujitsu Component Limited.

Part # MB3775
Download  MB3775 Click to download

File Size   485.79 Kbytes
Page   25 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description SWITCHING REGULATOR CONTROLLER

MB3775 Datasheet (HTML) - Fujitsu Component Limited.


MB3775 Product details

■LOW VOLTAGE DUAL PWM SWITCHING REGULATOR CONTROLLER

The MB3775 is a dual pulse-width-modulation control circuit. It contains the basic circuits required for two PWM

control circuits. Complete synchronization is obtained by using the same oscillator output waveform.

This IC can provide following types of output voltage: step down, step up, and inverter. Power consumption is low, thus the MB3775 is ideal for use in high-efficiency portable equipment.



■FEATURES

• Wide supply voltage range: 3.6 V to 18 V

• Low current consumption: 1.3 mA typical

• Wide oscillation frequency range: 1 kHz to 500 kHz

• On-chip timer latch short protection circuit

• On-chip under voltage lockout protection

• On-chip reference voltage: 1.28 V

• Variable dead time provides control over total operating range.

• Two types of packages (SOP-16pin : 1 type, SSOP-16pin : 1 type)



■APPLICATIONS

• LCD monitor/panel

• Surveillance camera etc.




Similar Part No. - MB3775

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
1Mb / 30P
   SWITCHING REGULATOR CONTROLLER
MB3775PF FUJITSU-MB3775PF Datasheet
1Mb / 30P
   SWITCHING REGULATOR CONTROLLER
MB3775PFV FUJITSU-MB3775PFV Datasheet
1Mb / 30P
   SWITCHING REGULATOR CONTROLLER
MB3775 FUJITSU-MB3775_07 Datasheet
1Mb / 30P
   SWITCHING REGULATOR CONTROLLER
More results


Similar Description - MB3775

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com