Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3516A Datasheet (PDF) - Fujitsu Component Limited.

MB3516A Datasheet PDF - Fujitsu Component Limited.
Part # MB3516A
Download  MB3516A Download
File Size   126.55 Kbytes
Page   13 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description RGB Encoder

MB3516A Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3516A Datasheet PDF - Fujitsu Component Limited.

Part # MB3516A
Download  MB3516A Click to download

File Size   126.55 Kbytes
Page   13 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description RGB Encoder

MB3516A Datasheet (HTML) - Fujitsu Component Limited.


MB3516A Product details

■ DESCRIPTION
The MB3516A is an RGB encoder containing an RGB signal matrix circuit, balanced modulator circuits, and a luminance signal/color-difference signal mixing circuit. This device inputs analog RGB and composite sync signals and outputs a composite video signal in the NTSC or PAL format. Also, it has Y/C separate output pins and RGB signal output pins.

■ FEATURES
• Supporting for both of the NTSC and PAL formats
• Containing Y/C separate output and RGB output pins as well as a composite video signal output pin
• On-chip 75 Ω driver (Composite video output, Y/C separate outputs, RGB outputs)
• Half H-killer circuit integrated
• Burst flag generator integrated
• PAL alternate circuit integrated
• Built-in filters
• Operation with a +5 volt single power supply
• Low power consumption: 280 mW (typical)




Similar Part No. - MB3516A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB351 RECTRON-MB351 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
logo
SHENZHEN YONGERJIA INDU...
MB351 WINNERJOIN-MB351 Datasheet
146Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Bytes
MB351 BYTES-MB351 Datasheet
100Kb / 1P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
MB351 WINNERJOIN-MB351 Datasheet
152Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Dc Components
MB351 DCCOM-MB351 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - MB3516A

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1268 MITSUMI-MM1268 Datasheet
193Kb / 7P
RGB Encoder
logo
List of Unclassifed Man...
ES71145 ETC-ES71145 Datasheet
113Kb / 7P
RGB ENCODER
logo
Sony Corporation
CXA1645P SONY-CXA1645P Datasheet
299Kb / 14P
RGB Encoder
CXA1145P SONY-CXA1145P Datasheet
315Kb / 12P
RGB Encoder
logo
Samsung semiconductor
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
RGB ENCODER FOR NTSC
KA2197D SAMSUNG-KA2197D Datasheet
55Kb / 5P
RGB ENCODER FOR NTSC
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
RGB to NTSC/PAL Encoder
REV. 0
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
RGB ENCODER FOR PAL/NTSC
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
RGB to NTSC/PAL Encoder
REV. B
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com