Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3171D Datasheet (PDF) - Murata Manufacturing Co., Ltd.

RF3171D Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # RF3171D
Download  RF3171D Download
File Size   101.5 Kbytes
Page   4 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 418.0 MHz SAW Filter

RF3171D Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3171D Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # RF3171D
Download  RF3171D Click to download

File Size   101.5 Kbytes
Page   4 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 418.0 MHz SAW Filter

RF3171D Datasheet (HTML) - Murata Manufacturing Co., Ltd.


RF3171D Product details

The RF3171D is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 418.0 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wireless remotecontrol and security devices operating in the USA under FCC Part 15.

• Ideal Front-End Filter for Wireless Receiver in the US and UK
• Low-Loss, Coupled-Resonator Quartz Design
• Surface-Mount Ceramic Case with 50 mm2 Footprint
• Simple External Impedance Matching
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - RF3171D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3171D RFM-RF3171D Datasheet
101Kb / 4P
418.0 MHz SAW Filter
More results


Similar Description - RF3171D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1171 RFM-RF1171 Datasheet
158Kb / 2P
418.0 MHz SAW Filter
RF1171B RFM-RF1171B Datasheet
166Kb / 2P
418.0 MHz SAW Filter
RF1171D RFM-RF1171D Datasheet
72Kb / 2P
418.0 MHz SAW Filter
RP1237 RFM-RP1237 Datasheet
93Kb / 2P
418.0 MHz SAW Resonator
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
418.0 MHz SAW Resonator
RF3171 RFM-RF3171 Datasheet
201Kb / 2P
418.0 MHz SAW Filter
RF3171D RFM-RF3171D Datasheet
101Kb / 4P
418.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3103 MURATA-RO3103 Datasheet
1Mb / 2P
418.0 MHz SAW Resonator
RF1171 MURATA-RF1171 Datasheet
129Kb / 2P
418.0 MHz SAW Filter
RF3171 MURATA-RF3171 Datasheet
201Kb / 2P
418.0 MHz SAW Filter
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com