Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1212S-2WR2 Datasheet (PDF) - MORNSUN Science& Technology Ltd.

B1212S-2WR2 Datasheet PDF - MORNSUN Science& Technology Ltd.
Part # B1212S-2WR2
Download  B1212S-2WR2 Download

File Size   811.25 Kbytes
Page   5 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description 2W, FIXED INPUT, ISOLATED & UNREGULATED

B1212S-2WR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
B1212S-2WR2 Datasheet PDF - MORNSUN Science& Technology Ltd.

Part # B1212S-2WR2
Download  B1212S-2WR2 Click to download

File Size   811.25 Kbytes
Page   5 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description 2W, FIXED INPUT, ISOLATED & UNREGULATED

B1212S-2WR2 Datasheet (HTML) - MORNSUN Science& Technology Ltd.

B1212S-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1212S-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1212S-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1212S-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B1212S-2WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.

B1212S-2WR2 Product details

FEATURES
● Continuous short-circuit protection
● Operating temperature range: -40℃ to +105℃
● High efficiency up to 86%
● High power density
● Miniature SIP package
● Isolation voltage: 1.5K VDC
● No external component required
● International standard pin-out




Similar Part No. - B1212S-2WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1212S-2WR2 MORNSUN-B1212S-2WR2 Datasheet
811Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B1212S-2WR2 MORNSUN-B1212S-2WR2 Datasheet
250Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
B1212S-2WR2 REICU-B1212S-2WR2 Datasheet
4Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results


Similar Description - B1212S-2WR2

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503T-2W MORNSUN-B0503T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
logo
GAPTEC Electronic GmbH ...
2D14B-1U GAPTEC-2D14B-1U Datasheet
936Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
A0505LT-2W RSG-A0505LT-2W Datasheet
121Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W DUAL OUTPUT UTRALMINIATURE SMD PACKAGE
logo
GAPTEC Electronic GmbH ...
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
logo
RSG Electronic Componen...
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com