Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR15NF120 Datasheet (PDF) - Fuji Electric

7MBR15NF120 Datasheet PDF - Fuji Electric
Part # 7MBR15NF120
Download  7MBR15NF120 Download
File Size   264.37 Kbytes
Page   9 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 1200V/15A/PIM

7MBR15NF120 Datasheet (PDF)

Go To PDF Page Download Datasheet
7MBR15NF120 Datasheet PDF - Fuji Electric

Part # 7MBR15NF120
Download  7MBR15NF120 Click to download

File Size   264.37 Kbytes
Page   9 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 1200V/15A/PIM

7MBR15NF120 Datasheet (HTML) - Fuji Electric




Similar Part No. - 7MBR15NF120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR15NE120 FUJI-7MBR15NE120 Datasheet
523Kb / 9P
IGBT MODULE(1200V/15A/PIM)
More results


Similar Description - 7MBR15NF120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR15NE120 FUJI-7MBR15NE120 Datasheet
523Kb / 9P
IGBT MODULE(1200V/15A/PIM)
7MBR15SA120 FUJI-7MBR15SA120 Datasheet
643Kb / 7P
IGBT(1200V/15A/PIM)
7MBR20NF120 FUJI-7MBR20NF120 Datasheet
265Kb / 9P
1200V/25A/PIM
7MBR15SC120 FUJI-7MBR15SC120 Datasheet
441Kb / 7P
PIM/Built-in converter with thyristor and brake (S series) 1200V / 15A / PIM
logo
Vincotech
V23990-K200-A-P1-14 VINCOTECH-V23990-K200-A-P1-14 Datasheet
155Kb / 16P
MiniSKiiP 2nd Gen. PIM Size 1, 1200V / 15A
logo
MacMic
MMG15CB120XB6TC MACMIC-MMG15CB120XB6TC Datasheet
485Kb / 9P
1200V 15A PIM Module
MMG15CB120XB6TN MACMIC-MMG15CB120XB6TN Datasheet
434Kb / 9P
1200V 15A PIM Module
MMG15H120XB6TN MACMIC-MMG15H120XB6TN Datasheet
462Kb / 9P
1200V 15A PIM Module
MMGT15CB120XB6C MACMIC-MMGT15CB120XB6C Datasheet
612Kb / 9P
1200V 15A PIM Module
MMGT15H120XB6C MACMIC-MMGT15H120XB6C Datasheet
1Mb / 9P
1200V 15A PIM Module
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com