Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6S1RP Datasheet (PDF) - Littelfuse

S6S1RP Datasheet PDF - Littelfuse
Part # S6S1RP
Download  S6S1RP Download

File Size   293.67 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Teccor짰 brand Thyristors

S6S1RP Datasheet (PDF)

Go To PDF Page Download Datasheet
S6S1RP Datasheet PDF - Littelfuse

Part # S6S1RP
Download  S6S1RP Click to download

File Size   293.67 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Teccor짰 brand Thyristors

S6S1RP Datasheet (HTML) - Littelfuse

S6S1RP Datasheet HTML 1Page - Littelfuse S6S1RP Datasheet HTML 2Page - Littelfuse S6S1RP Datasheet HTML 3Page - Littelfuse S6S1RP Datasheet HTML 4Page - Littelfuse S6S1RP Datasheet HTML 5Page - Littelfuse S6S1RP Datasheet HTML 6Page - Littelfuse S6S1RP Datasheet HTML 7Page - Littelfuse S6S1RP Datasheet HTML 8Page - Littelfuse S6S1RP Datasheet HTML 9Page - Littelfuse S6S1RP Datasheet HTML 10Page - Littelfuse

S6S1RP Product details

Description
Excellent unidirectional switches for phase control applications such as heating and motor speed controls.
Sensitive gate SCRs are easily triggered with microAmps of current as furnished by sense coils, proximity switches, and microprocessors.

Features & Benefits
• RoHS compliant
• Glass - passivated junctions
• Voltage capability up to 500 V
• Surge capability up to 20 A

Applications
   Typical applications are capacitive discharge systems for strobe lights and gas engine ignition. Also controls for power tools, home/brown goods and white goods appliances.




Similar Part No. - S6S1RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6S1 LITTELFUSE-S6S1 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
S6S1 LITTELFUSE-S6S1 Datasheet
980Kb / 10P
   Teccor brand Thyristors 0.8 Amp Sensitive SCRs
logo
List of Unclassifed Man...
S6S1 ETC2-S6S1 Datasheet
205Kb / 12P
   RoHS Compliant
S6S1 ETC2-S6S1 Datasheet
205Kb / 12P
   RoHS Compliant
More results


Similar Description - S6S1RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
   Teccor짰 brand Protection Thyristors
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com