Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1936-1 Datasheet (PDF) - Fuji Electric

2SK1936-1 Datasheet PDF - Fuji Electric
Part # 2SK1936-1
Download  2SK1936-1 Download

File Size   216.33 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-channel MOS-FET

2SK1936-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1936-1 Datasheet PDF - Fuji Electric

Part # 2SK1936-1
Download  2SK1936-1 Click to download

File Size   216.33 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-channel MOS-FET

2SK1936-1 Datasheet (HTML) - Fuji Electric

2SK1936-1 Datasheet HTML 1Page - Fuji Electric 2SK1936-1 Datasheet HTML 2Page - Fuji Electric

2SK1936-1 Product details

N-channel MOS-FET 500V 0,76W 10A 100W



>Features

- High Speed Switching

- Low On-Resistance

- No Secondary Breakdown

- Low Driving Power

- High Voltage

- VGS= ± 30V Guarantee

- Avalanche Proof



>Applications

- Switching Regulators

- UPS

- DC-DC converters

- General Purpose Power Amplifier




Similar Part No. - 2SK1936-1

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK1936-01 FUJI-2SK1936-01 Datasheet
181Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
Inchange Semiconductor ...
2SK1936-01 ISC-2SK1936-01 Datasheet
288Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK1936-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
   N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1943-01 FUJI-2SK1943-01 Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1944-01 FUJI-2SK1944-01 Datasheet
219Kb / 2P
   N-channel MOS-FET
2SK1981-01 FUJI-2SK1981-01 Datasheet
215Kb / 2P
   N-channel MOS-FET
2SK1986-01 FUJI-2SK1986-01 Datasheet
214Kb / 2P
   N-channel MOS-FET
2SK2027-01 FUJI-2SK2027-01 Datasheet
210Kb / 2P
   N-channel MOS-FET
2SK2048-L FUJI-2SK2048-L Datasheet
206Kb / 2P
   N-channel MOS-FET
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com