Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N25Q256A13ESFH0 Datasheet (PDF) - Micron Technology

N25Q256A13ESFH0 Datasheet PDF - Micron Technology
Part # N25Q256A13ESFH0
Download  N25Q256A13ESFH0 Download

File Size   1193.29 Kbytes
Page   90 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Micron Serial NOR Flash Memory

N25Q256A13ESFH0 Datasheet (PDF)

Go To PDF Page Download Datasheet
N25Q256A13ESFH0 Datasheet PDF - Micron Technology

Part # N25Q256A13ESFH0
Download  N25Q256A13ESFH0 Click to download

File Size   1193.29 Kbytes
Page   90 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Micron Serial NOR Flash Memory

N25Q256A13ESFH0 Datasheet (HTML) - Micron Technology


N25Q256A13ESFH0 Product details

Description

The N25Q is the first high-performance multiple input/output serial Flash memory device manufactured on 65nm NOR technology. It features execute-in-place (XIP) functionality, advanced write protection mechanisms, and a high-speed SPI-compatible bus interface. The innovative, high-performance, dual and quad input/output instructions enable double or quadruple the transfer bandwidth for READ and PROGRAM operations.



Features

The memory is organized as 512 (64KB) main sectors that are further divided into 16 subsectors each (8192 subsectors in total). The memory can be erased one 4KB subsector at a time, 64KB sectors at a time, or as a whole.

The memory can be write protected by software through volatile and nonvolatile protection features, depending on the application needs. The protection granularity is of 64KB (sector granularity) for volatile protections

The device has 64 one-time programmable (OTP) bytes that can be read and programmed with the READ OTP and PROGRAM OTP commands. These 64 bytes can also be permanently locked with a PROGRAM OTP command.

The device also has the ability to pause and resume PROGRAM and ERASE cycles by us ing dedicated PROGRAM/ERASE SUSPEND and RESUME instructions.




Similar Part No. - N25Q256A13ESFH0

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q256A13E1240E MICRON-N25Q256A13E1240E Datasheet
1Mb / 91P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase N25Q256A
N25Q256A13EF840E MICRON-N25Q256A13EF840E Datasheet
1Mb / 91P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase N25Q256A
More results


Similar Description - N25Q256A13ESFH0

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT25QL256 MICRON-MT25QL256 Datasheet
1Mb / 97P
   Micron Serial NOR Flash Memory
N25Q256A11ESF40F MICRON-N25Q256A11ESF40F Datasheet
1Mb / 87P
   Micron Serial NOR Flash Memory
N25Q128A11E1240X MICRON-N25Q128A11E1240X Datasheet
1Mb / 83P
   Micron Serial NOR Flash Memory
N25Q256A MICRON-N25Q256A Datasheet
987Kb / 90P
   Micron Serial NOR Flash Memory
N25Q128A11ESE40G MICRON-N25Q128A11ESE40G Datasheet
1Mb / 82P
   Micron Serial NOR Flash Memory
M29F800FB55N3E2 MICRON-M29F800FB55N3E2 Datasheet
689Kb / 55P
   Micron Parallel NOR Flash Embedded Memory
M29DW256G70NF6E MICRON-M29DW256G70NF6E Datasheet
1,023Kb / 78P
   Micron Parallel NOR Flash Embedded Memory
M29DW256G7ANF6F MICRON-M29DW256G7ANF6F Datasheet
1,023Kb / 78P
   Micron Parallel NOR Flash Embedded Memory
M25P16-VMN6PBA MICRON-M25P16-VMN6PBA Datasheet
705Kb / 53P
   Micron M25P16 Serial Flash Embedded Memory
M25P32-VMW3TGB MICRON-M25P32-VMW3TGB Datasheet
658Kb / 50P
   Micron M25P32 Serial Flash Embedded Memory
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com