Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6345-X007T Datasheet (PDF) - Vishay Siliconix

SFH6345-X007T Datasheet PDF - Vishay Siliconix
Part # SFH6345-X007T
Download  SFH6345-X007T Download

File Size   178.7 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us

SFH6345-X007T Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH6345-X007T Datasheet PDF - Vishay Siliconix

Part # SFH6345-X007T
Download  SFH6345-X007T Click to download

File Size   178.7 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us

SFH6345-X007T Datasheet (HTML) - Vishay Siliconix

SFH6345-X007T Datasheet HTML 1Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 2Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 3Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 4Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 5Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 6Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 7Page - Vishay Siliconix

SFH6345-X007T Product details

DESCRIPTION
The SFH6345 is an optocoupler with a GaAlAs infrared emitting diode, optically coupled to an integrated photo detector consisting of a photo diode and a high speed transistor in a DIP-8 plastic package. The device is similar to the 6N135 but has an additional faraday shield on the detector which enhances the input-output dV/dt immunity.

FEATURES
• Direct replacement for HCPL 4503
• High-speed optocoupler without base
   connection
• Isolation test voltage: 5300 VRMS
• GaAlAs emitter
• Integrated detector with photo diode and
   transistor
• High data transmission rate: 1 MBit/s
• TTL compatible
• Open collector output
• Good CTR linearity relative to forward current
• Field effect stable
• Low coupling capacitance
• Very high common mode transient immunity dV/dt:
   ≥ 15 kV/μs at VCM = 1500 V
• Material categorization: For definitions of compliance
   please see www.vishay.com/doc?99912

APPLICATIONS
• Data communications
• IGBT drivers
• Programmable controllers
• IPM (intelligent power module) drivers




Similar Part No. - SFH6345-X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
210Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
Rev. 2.2, 03-Aug-15
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
214Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
01-Jan-2022
More results


Similar Description - SFH6345-X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345 VISHAY-SFH6345_V01 Datasheet
214Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
01-Jan-2022
SFH6345 VISHAY-SFH6345 Datasheet
210Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
Rev. 2.2, 03-Aug-15
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s
Rev. 2.1, 09-Mar-12
VOM453 VISHAY-VOM453_V01 Datasheet
130Kb / 9P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, SOP-5 Package
01-Jan-2022
SFH6701 VISHAY-SFH6701 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
   High Noise Immunity
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com