Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG06S1212A Datasheet (PDF) - Delta Electronics, Inc.

DG06S1212A Datasheet PDF - Delta Electronics, Inc.
Part # DG06S1212A
Download  DG06S1212A Download

File Size   221.34 Kbytes
Page   5 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range

DG06S1212A Datasheet (PDF)

Go To PDF Page Download Datasheet
DG06S1212A Datasheet PDF - Delta Electronics, Inc.

Part # DG06S1212A
Download  DG06S1212A Click to download

File Size   221.34 Kbytes
Page   5 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range

DG06S1212A Datasheet (HTML) - Delta Electronics, Inc.

DG06S1212A Datasheet HTML 1Page - Delta Electronics, Inc. DG06S1212A Datasheet HTML 2Page - Delta Electronics, Inc. DG06S1212A Datasheet HTML 3Page - Delta Electronics, Inc. DG06S1212A Datasheet HTML 4Page - Delta Electronics, Inc. DG06S1212A Datasheet HTML 5Page - Delta Electronics, Inc.

DG06S1212A Product details

6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range

The DG06S/D series are miniature, DIP Package, isolated 6W DC/DC converters with 1,500VDC isolation. It offers short circuit protection and allows a wide operating temperature range of –40°C to +71°C. These isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. .

FEATURES
♦ Efficiency up to 86%
♦ DIP Package with Industry Standard Pinout
♦ 1500VDC Voltage Isolation
♦ 2:1 Wide Input Range
♦ Low ripple and noise
♦ Complies with EN55022 Class A
♦ Temperature Performance -40℃ to +71℃
♦ Short Circuit Protection
♦ Internal SMD Construction
♦ Lead free, RoHs Compliant
♦ 3 Years Product Warranty




Similar Part No. - DG06S1212A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DG06S1212A DELTA-DG06S1212A Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Similar Description - DG06S1212A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com