Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB02D2412A Datasheet (PDF) - Delta Electronics, Inc.

DB02D2412A Datasheet PDF - Delta Electronics, Inc.
Part # DB02D2412A
Download  DB02D2412A Download

File Size   208.18 Kbytes
Page   5 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range

DB02D2412A Datasheet (PDF)

Go To PDF Page Download Datasheet
DB02D2412A Datasheet PDF - Delta Electronics, Inc.

Part # DB02D2412A
Download  DB02D2412A Click to download

File Size   208.18 Kbytes
Page   5 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range

DB02D2412A Datasheet (HTML) - Delta Electronics, Inc.

DB02D2412A Datasheet HTML 1Page - Delta Electronics, Inc. DB02D2412A Datasheet HTML 2Page - Delta Electronics, Inc. DB02D2412A Datasheet HTML 3Page - Delta Electronics, Inc. DB02D2412A Datasheet HTML 4Page - Delta Electronics, Inc. DB02D2412A Datasheet HTML 5Page - Delta Electronics, Inc.

DB02D2412A Product details

The DB02S/D series are miniature, DIP Package, isolated 2W DC/DC converters with 1,500VDC isolation. The DB02S/D series features fully regulated output and wide 2:1 input voltage ranges. The most convenient advantage is the modules with a low height of just 7.60 mm (0.30 inch) on the PCB. It offers short circuit protection and allows a wide operating temperature range of –40°C to +80°C. These isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions

FEATURES
♦ Efficiency up to 81%
♦ DIP Package with Industry Standard Pinout
♦ Wide 2:1 Input Range
♦ Fully regulated Output
♦ Operating Temperature Range –40°C to +80°C
♦ Low Ripple and Noise
♦ Isolation Voltage 1500 VDC
♦ Complies EN55022 class A
♦ Lead free, RoHs Compliant
♦ 3 Years Product Warranty




Similar Part No. - DB02D2412A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DB02D2412A DELTA-DB02D2412A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Similar Description - DB02D2412A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
SD02S DELTA-SD02S Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com