Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE1A1B-L2-12V Datasheet (PDF) - Panasonic Semiconductor

DE1A1B-L2-12V Datasheet PDF - Panasonic Semiconductor
Part # DE1A1B-L2-12V
Download  DE1A1B-L2-12V Download

File Size   76.62 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Compliant with European standards 1a1b 10A/8A polarized power relays

DE1A1B-L2-12V Datasheet (PDF)

Go To PDF Page Download Datasheet
DE1A1B-L2-12V Datasheet PDF - Panasonic Semiconductor

Part # DE1A1B-L2-12V
Download  DE1A1B-L2-12V Click to download

File Size   76.62 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Compliant with European standards 1a1b 10A/8A polarized power relays

DE1A1B-L2-12V Datasheet (HTML) - Panasonic Semiconductor


DE1A1B-L2-12V Product details

FEATURES

• Conforms to European safety standards (VDE0700 and VDE0631)

Insulating distance between coil and contacts:

Clearance Min. 8mm .315 inch

Creepage distance Min. 8mm .315 inch

• Extensive product line-up

• Surge voltage between contact and coil 12 kV


• Low operating power

Nominal operating power at 200 mW

(Single side stable, 2 coil latching)

• Compact body saves space

Size: 12.5(W)  25.0(L)  12.5(H) mm

.492(W)  .984(L)  .492(H) inch

• UL/CSA, VDE approved



TYPICAL APPLICATIONS

• Temperature controller

• Automatic meter reading

• OA equipment

• FA equipment




Similar Part No. - DE1A1B-L2-12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DE1A1B-L2-1 NAIS-DE1A1B-L2-1 Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
More results


Similar Description - DE1A1B-L2-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
ST1-DC3V-F PANASONIC-ST1-DC3V-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
logo
Panasonic Battery Group
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
logo
Panasonic Semiconductor
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
DK1A-3V-F PANASONIC-DK1A-3V-F Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com