Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3842ACS Datasheet (PDF) - Fairchild Semiconductor

KA3842ACS Datasheet PDF - Fairchild Semiconductor
Part # KA3842ACS
Download  KA3842ACS Download

File Size   127.75 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low start current 0.2mA (Typ.)

KA3842ACS Datasheet (PDF)

Go To PDF Page Download Datasheet
KA3842ACS Datasheet PDF - Fairchild Semiconductor

Part # KA3842ACS
Download  KA3842ACS Click to download

File Size   127.75 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low start current 0.2mA (Typ.)

KA3842ACS Datasheet (HTML) - Fairchild Semiconductor

KA3842ACS Datasheet HTML 1Page - Fairchild Semiconductor KA3842ACS Datasheet HTML 2Page - Fairchild Semiconductor KA3842ACS Datasheet HTML 3Page - Fairchild Semiconductor KA3842ACS Datasheet HTML 4Page - Fairchild Semiconductor KA3842ACS Datasheet HTML 5Page - Fairchild Semiconductor KA3842ACS Datasheet HTML 6Page - Fairchild Semiconductor



Similar Part No. - KA3842ACS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3842AC FAIRCHILD-KA3842AC Datasheet
37Kb / 6P
   SMPS Controller
KA3842AC FAIRCHILD-KA3842AC Datasheet
122Kb / 6P
   SMPS Controller
KA3842AC FAIRCHILD-KA3842AC_06 Datasheet
122Kb / 6P
   SMPS Controller
More results


Similar Description - KA3842ACS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Xinmao Microel...
LP2773 LANDP-LP2773 Datasheet
457Kb / 7P
   Low start current
logo
Guangdong Youtai Semico...
UC2842 UMW-UC2842_V01 Datasheet
779Kb / 7P
   Low Start-Up and Operating Current
UC2842 UMW-UC2842 Datasheet
832Kb / 9P
   Low Start-Up and Operating Current
UC3842 UMW-UC3842_V01 Datasheet
881Kb / 7P
   Low Start-Up and Operating Current
logo
Gamma Microelectronics ...
GM384X GAMMA-GM384X Datasheet
476Kb / 8P
   Low Start-Up and Operating Current
logo
Guangdong Youtai Semico...
UC3842 UMW-UC3842 Datasheet
874Kb / 7P
   Low Start-Up and Operating Current
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
logo
Solid State Optronic
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com