Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMA110A Datasheet (PDF) - Filtronic Compound Semiconductors

LMA110A Datasheet PDF - Filtronic Compound Semiconductors
Part # LMA110A
Download  LMA110A Download

File Size   80.91 Kbytes
Page   3 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description .5-6 GHz MESFET Amplifier

LMA110A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMA110A Datasheet PDF - Filtronic Compound Semiconductors

Part # LMA110A
Download  LMA110A Click to download

File Size   80.91 Kbytes
Page   3 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description .5-6 GHz MESFET Amplifier

LMA110A Datasheet (HTML) - Filtronic Compound Semiconductors

LMA110A Datasheet HTML 1Page - Filtronic Compound Semiconductors LMA110A Datasheet HTML 2Page - Filtronic Compound Semiconductors LMA110A Datasheet HTML 3Page - Filtronic Compound Semiconductors

LMA110A Product details

Description

The Filtronic LMA110A is a GaAs monolithic distributive amplifier which operates from 0.5 to 6 GHz. This amplifier produces a typical gain of 23dB with a noise figure of 2.7dB. The LMA110A is suitable for wide-band low noise gain block, EW and commercial PCN applications. DC decoupled input and output RF port. Ground is provided to the circuitry through vias to the backside metallization.



Features

• 2.7dB Typical Noise Figure

• 23dB Typical Gain

• 12dBm Saturated Output Power

• 12dB Input/Output Return Loss Typical

• 0.5-6GHz Frequency Bandwidth

• +8.5 Volts Dual Bias Supply

• DC Decoupled RF Input and Output

• Chip Size : 1.62mmX1.62mm (.064”X.064”)

• Chip Thickness : 100µm

• Pad Dimension : 100µm2




Similar Part No. - LMA110A

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA110 FILTRONIC-LMA110 Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
More results


Similar Description - LMA110A

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA184 FILTRONIC-LMA184 Datasheet
67Kb / 3P
   2-18 GHz MESFET Amplifier
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
LMA183 FILTRONIC-LMA183 Datasheet
64Kb / 3P
   2-18 GHz MESFET Amplifier
logo
Hittite Microwave Corpo...
HMC637 HITTITE-HMC637 Datasheet
609Kb / 8P
   GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
HMC637LP5 HITTITE-HMC637LP5 Datasheet
931Kb / 8P
   GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
logo
Tyco Electronics
MAAPSM0008 MACOM-MAAPSM0008 Datasheet
220Kb / 6P
   1-Watt Power Amplifier 5 - 6 GHz
logo
Hittite Microwave Corpo...
HMC320MS8G HITTITE-HMC320MS8G_09 Datasheet
208Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER , 5 - 6 GHz
logo
Filtronic Compound Semi...
LMA116 FILTRONIC-LMA116 Datasheet
160Kb / 4P
   2-10GHz MESFET Amplifier
logo
Teledyne Technologies I...
TPA-13-6003 TELEDYNE-TPA-13-6003 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 13 GHz
TPA-18-6015 TELEDYNE-TPA-18-6015 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 18 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com