Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HB54A5129F1U Datasheet (PDF) - Elpida Memory

HB54A5129F1U Datasheet PDF - Elpida Memory
Part No. HB54A5129F1U
Download  HB54A5129F1U Click to view

File Size   186.17 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512MB Registered DDR SDRAM DIMM

HB54A5129F1U Datasheet (PDF)

Go To PDF Page Download Datasheet
HB54A5129F1U Datasheet PDF - Elpida Memory

Part No. HB54A5129F1U
Download  HB54A5129F1U Click to view

File Size   186.17 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512MB Registered DDR SDRAM DIMM

HB54A5129F1U Datasheet (HTML) - Elpida Memory

Back Button HB54A5129F1U Datasheet HTML 1Page - Elpida Memory HB54A5129F1U Datasheet HTML 2Page - Elpida Memory HB54A5129F1U Datasheet HTML 3Page - Elpida Memory HB54A5129F1U Datasheet HTML 4Page - Elpida Memory HB54A5129F1U Datasheet HTML 5Page - Elpida Memory HB54A5129F1U Datasheet HTML 6Page - Elpida Memory HB54A5129F1U Datasheet HTML 7Page - Elpida Memory HB54A5129F1U Datasheet HTML 8Page - Elpida Memory HB54A5129F1U Datasheet HTML 9Page - Elpida Memory HB54A5129F1U Datasheet HTML 10Page - Elpida Memory Next Button 

HB54A5129F1U Product details

Description
The HB54A5129F1U is a 64M × 72 × 1 bank Double Data Rate (DDR) SDRAM Module, mounted 18 pieces of 256Mbits DDR SDRAM (HM5425401BTT) sealed in TSOP package, 1 piece of PLL clock driver, 2 pieces of register driver and 1 piece of serial EEPROM (2k bits EEPROM) for Presence Detect (PD). Read and write operations are performed at the cross points of the CK and the /CK. This high-speed data transfer is realized by the 2-bit prefetch-pipelined architecture.

Features
• 184-pin socket type package (dual lead out)
    - Outline: 133.35mm (Length) × 30.48mm (Height) × 4.00mm (Thickness)
    - Lead pitch: 1.27mm
• 2.5V power supply (VCC/VCCQ)
• SSTL-2 interface for all inputs and outputs
• Clock frequency: 143MHz/133MHz/125MHz (max.)
• Data inputs and outputs are synchronized with DQS
• 4 banks can operate simultaneously and independently (Component)
• Burst read/write operation
• Programmable burst length: 2, 4, 8
    - Burst read stop capability
• Programmable burst sequence
    - Sequential
    - Interleave
• Start addressing capability
    - Even and Odd
• Programmable /CAS latency (CL): 3, 3.5
• 8192 refresh cycles: 7.8µs (8192/64ms)
• 2 variations of refresh
    - Auto refresh
    - Self refresh



Similar Part No. - HB54A5129F1U

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
HB54A5129F1U-10B ELPIDA-HB54A5129F1U-10B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
More results

Similar Description - HB54A5129F1U

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RD8ABFA ELPIDA-EBD51RD8ABFA Datasheet
196Kb / 19P
   512MB Registered DDR SDRAM DIMM
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
List of Unclassifed Manufacturers
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
   512MB DDR ??SDRAM DIMM
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz