Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBS52UC8APFA Datasheet (PDF) - Elpida Memory

EBS52UC8APFA Datasheet PDF - Elpida Memory
Part No. EBS52UC8APFA
Download  EBS52UC8APFA Click to view

File Size   163.15 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512MB Unbuffered SDRAM DIMM

EBS52UC8APFA Datasheet (PDF)

Go To PDF Page Download Datasheet
EBS52UC8APFA Datasheet PDF - Elpida Memory

Part No. EBS52UC8APFA
Download  EBS52UC8APFA Click to view

File Size   163.15 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512MB Unbuffered SDRAM DIMM

EBS52UC8APFA Datasheet (HTML) - Elpida Memory

Back Button EBS52UC8APFA Datasheet HTML 1Page - Elpida Memory EBS52UC8APFA Datasheet HTML 2Page - Elpida Memory EBS52UC8APFA Datasheet HTML 3Page - Elpida Memory EBS52UC8APFA Datasheet HTML 4Page - Elpida Memory EBS52UC8APFA Datasheet HTML 5Page - Elpida Memory EBS52UC8APFA Datasheet HTML 6Page - Elpida Memory EBS52UC8APFA Datasheet HTML 7Page - Elpida Memory EBS52UC8APFA Datasheet HTML 8Page - Elpida Memory EBS52UC8APFA Datasheet HTML 9Page - Elpida Memory EBS52UC8APFA Datasheet HTML 10Page - Elpida Memory Next Button 

EBS52UC8APFA Product details

Description
The EBS52UC8APFA is 64M words × 64 bits, 2 banks Synchronous Dynamic RAM Registered Module, mounted 16 pieces of 256M bits SDRAM sealed in TSOP package. This module provides high density and large quantities of memory in a small space without utilizing the surface mounting technology. Decoupling capacitors are mounted on power supply line for noise reduction.

Features
• Fully compatible with 8 bytes DIMM: JEDEC standard outline
• 168-pin socket type dual in line memory module (DIMM)
    - PCB height: 34.93mm (1.38inch )
    - Lead pitch: 1.27mm
• 3.3V power supply
• Clock frequency: 133MHz (max.)
• LVTTL interface
• Data bus width: × 64 non-ECC
• Single pulsed /RAS
• 4 Banks can operates simultaneously and independently
• Burst read/write operation and burst read/single write operation capability
• Programmable burst length (BL): 1, 2, 4, 8
• 2 variations of burst sequence
    - Sequential
    - Interleave
• Programmable /CAS latency (CL): 2, 3
• Byte control by DQMB
• Refresh cycles: 8192 refresh cycles/64ms
• 2 variations of refresh
    - Auto refresh
    - Self refresh



Similar Part No. - EBS52UC8APFA

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS52UC8APSA-75 ELPIDA-EBS52UC8APSA-75 Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS52UC8APSA-75L ELPIDA-EBS52UC8APSA-75L Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS52UC8APSA-7A ELPIDA-EBS52UC8APSA-7A Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS52UC8APSA-7AL ELPIDA-EBS52UC8APSA-7AL Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
More results

Similar Description - EBS52UC8APFA

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBS52EC8APFA ELPIDA-EBS52EC8APFA Datasheet
166Kb / 14P
   512MB Unbuffered SDRAM DIMM
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBE51UD8AGWA ELPIDA-EBE51UD8AGWA Datasheet
245Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBE52EC8AAFA ELPIDA-EBE52EC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AGWA ELPIDA-EBE51ED8AGWA Datasheet
209Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AJWA ELPIDA-EBE51ED8AJWA Datasheet
237Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBD52UC8AAFA ELPIDA-EBD52UC8AAFA Datasheet
186Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBE51UD8AJWA ELPIDA-EBE51UD8AJWA Datasheet
244Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBD52UC8AMFA ELPIDA-EBD52UC8AMFA Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz