Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBS26UC6APS Datasheet (PDF) - Elpida Memory

EBS26UC6APS Datasheet PDF - Elpida Memory
Part No. EBS26UC6APS
Download  EBS26UC6APS Click to view

File Size   145.95 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 256MB SDRAM S.O.DIMM

EBS26UC6APS Datasheet (PDF)

Go To PDF Page Download Datasheet
EBS26UC6APS Datasheet PDF - Elpida Memory

Part No. EBS26UC6APS
Download  EBS26UC6APS Click to view

File Size   145.95 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 256MB SDRAM S.O.DIMM

EBS26UC6APS Datasheet (HTML) - Elpida Memory

Back Button EBS26UC6APS Datasheet HTML 1Page - Elpida Memory EBS26UC6APS Datasheet HTML 2Page - Elpida Memory EBS26UC6APS Datasheet HTML 3Page - Elpida Memory EBS26UC6APS Datasheet HTML 4Page - Elpida Memory EBS26UC6APS Datasheet HTML 5Page - Elpida Memory EBS26UC6APS Datasheet HTML 6Page - Elpida Memory EBS26UC6APS Datasheet HTML 7Page - Elpida Memory EBS26UC6APS Datasheet HTML 8Page - Elpida Memory EBS26UC6APS Datasheet HTML 9Page - Elpida Memory EBS26UC6APS Datasheet HTML 10Page - Elpida Memory Next Button 

EBS26UC6APS Product details

Description
The EBS26UC6APS is 32M words × 64 bits, 2 banks Synchronous Dynamic RAM Small Outline Dual In-line Memory Module (S.O.DIMM), mounted 8 pieces of 256M bits SDRAM (EDS2516APTA) sealed in TSOP package. This module provides high density and large quantities of memory in a small space without utilizing the surface mounting technology. Decoupling capacitors are mounted on power supply line for noise reduction.

Features
• Fully compatible with 8 bytes S.O.DIMM: JEDEC standard outline
• 144-pin socket type small outline dual in line memory module (S.O.DIMM)
    - PCB height: 31.75mm (1.25inch )
    - Lead pitch: 0.80mm
• 3.3V power supply
• Clock frequency: 100MHz/133MHz (max.)
• LVTTL interface
• Data bus width: × 64 non-ECC
• Single pulsed /RAS
• 4 Banks can operates simultaneously and independently
• Burst read/write operation and burst read/single write operation capability
• Programmable burst length (BL): 1, 2, 4, 8, Full page
• 2 variations of burst sequence
    - Sequential
    - Interleave
• Programmable /CAS latency (CL): 2, 3
• Byte control by DQMB
• Refresh cycles: 8192 refresh cycles/64ms
• 2 variations of refresh
    - Auto refresh
    - Self refresh



Similar Part No. - EBS26UC6APS

ManufacturerPart No.DatasheetDescription
Adam Technologies, Inc.
Adam Technologies, Inc.
EBS20A ADAM-TECH-EBS20A Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20B ADAM-TECH-EBS20B Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20H ADAM-TECH-EBS20H Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20J ADAM-TECH-EBS20J Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20K ADAM-TECH-EBS20K Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
More results

Similar Description - EBS26UC6APS

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
HB54A2568KN ELPIDA-HB54A2568KN Datasheet
514Kb / 16P
   256MB DDR SDRAM S.O.DIMM
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS12UC6APS ELPIDA-EBS12UC6APS Datasheet
145Kb / 14P
   128MB SDRAM S.O.DIMM
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
List of Unclassifed Manufacturers
List of Unclassifed Man...
EM488M3244VBA-8F ETC1-EM488M3244VBA-8F Datasheet
884Kb / 33P
   256Mb SDRAM
Hynix Semiconductor
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
Samsung semiconductor
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
Hynix Semiconductor
Hynix Semiconductor
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz