Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6T7V5A Datasheet (PDF) - Vishay Siliconix

SM6T7V5A Datasheet PDF - Vishay Siliconix
Part # SM6T7V5A
Download  SM6T7V5A Download

File Size   128.24 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount TRANSZORB Transient Voltage Suppressors

SM6T7V5A Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6T7V5A Datasheet PDF - Vishay Siliconix

Part # SM6T7V5A
Download  SM6T7V5A Click to download

File Size   128.24 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount TRANSZORB Transient Voltage Suppressors

SM6T7V5A Datasheet (HTML) - Vishay Siliconix

SM6T7V5A Datasheet HTML 1Page - Vishay Siliconix SM6T7V5A Datasheet HTML 2Page - Vishay Siliconix SM6T7V5A Datasheet HTML 3Page - Vishay Siliconix SM6T7V5A Datasheet HTML 4Page - Vishay Siliconix SM6T7V5A Datasheet HTML 5Page - Vishay Siliconix SM6T7V5A Datasheet HTML 6Page - Vishay Siliconix

SM6T7V5A Product details

FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• 600 W peak pulse power capability with a 10/1000 µs waveform
• Available in uni-directional and bi-directional
• Excellent clamping capability
• Low inductance
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

TYPICAL APPLICATIONS
    Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication.




Similar Part No. - SM6T7V5A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T7V5A STMICROELECTRONICS-SM6T7V5A Datasheet
186Kb / 5P
   TRANSILTM
logo
Shenzhen Luguang Electr...
SM6T7V5A LUGUANG-SM6T7V5A Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
logo
General Semiconductor
SM6T7V5A GE-SM6T7V5A Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6T7V5A VISHAY-SM6T7V5A Datasheet
36Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
SM6T7V5A VISHAY-SM6T7V5A Datasheet
111Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
More results


Similar Description - SM6T7V5A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com